Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV2312CSSDC10V0.57 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NV2312CSSDC10V0.57
Description  Small size, light weight(8g)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV2312CSSDC10V0.57 Datasheet(HTML) 2 Page - DB Lectro Inc

  NV2312CSSDC10V0.57 Datasheet HTML 1Page - DB Lectro Inc NV2312CSSDC10V0.57 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
300m/s
2
6ms
IEC68-2-27 Test Ea
Vibration resistance
10~500Hz
double amplitude
1.27mm
60m/s
2
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 20
’)
IEC68-2-3Test Ca
Mass
8g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NV231
Dimensions
Wiring diagram (Bottom views)
mm
>àçÇá
0.3
0.012
0.4
0.016
0.5
0.020
0.6
0.024
0.7
0.027
0.8
0.031
1.0
0.039
1.1
0.043
1.3
0.051
1.5
0.059
1.56
0.061
1.8
0.071
2.2
0.087
2.8
0.110
3.0
0.118
3.06
0.120
3.2
0.126
3.36
0.132
6.01
0.237
7.0
0.275
7.2
0.283
7.5
0.295
8
0.315
8.5
0.335
9.5
0.374
9.9
0.390
11.3
0.445
12.9
0.508
23.6
0.929
23.8
0.937
Mounting (Bottom views)
×
×
×1
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com