Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S30EB7C Datasheet(PDF) 3 Page - HB Electronic Components

Part # S30EB7C
Description  Highest Flux Blue
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S30EB7C Datasheet(HTML) 3 Page - HB Electronic Components

  S30EB7C Datasheet HTML 1Page - HB Electronic Components S30EB7C Datasheet HTML 2Page - HB Electronic Components S30EB7C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HEAT SLUG
Page:3
Part No. S30EB7C
Typical electrical/optical characteristic curves
1.5
300
300
Ambient Temperature TA (¡ æ
)
40
Ambient Temperature TA (¡ æ
)
0
20
40
60
100
200
-40
80
100
0
20
0
-20
0.5
1.0
100
80
60
Vs.
AMBIENT TEMPERATURE
IF-Forward Current (mA)
FORWARD CURRENT
DERATING CURVE
400
500
2.5
1.5
2.0
Forward Voltage(V)
100
3.6
2.4
2.8
3.2
0
200
0.5
4.4
4.0
0
0
100
200 300
1.0
400 500
LUMINOUS FLUX Vs.
FORWARD CURRENT
FORWARD CURRENT Vs
FORWARD VOLTAGE
500
400
2.0
2.5
4 00
3 00
0
2 5
465/20
7 00
5 00
W ave length
(nm )
60 0
100
5 0
7 5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com