Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC91 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC91
Description  Nine wide Schmitt trigger buffer; open drain outputs; inverting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC91 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC91 Datasheet HTML 1Page - NXP Semiconductors 74HC91 Datasheet HTML 2Page - NXP Semiconductors 74HC91 Datasheet HTML 3Page - NXP Semiconductors 74HC91 Datasheet HTML 4Page - NXP Semiconductors 74HC91 Datasheet HTML 5Page - NXP Semiconductors 74HC91 Datasheet HTML 6Page - NXP Semiconductors 74HC91 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer;
open drain outputs; inverting
74HC/HCT9114
FEATURES
• Schmitt trigger action on all data inputs
• Output capability: standard (open drain)
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT9114 are high-speed Si-gate CMOS
devices and are pin compatible with low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT9114 are nine wide Schmitt trigger
inverting buffer with open drain outputs and Schmitt trigger
inputs.
The Schmitt trigger action in the data inputs transform
slowly changing input signals into sharply defined
jitter-free output signals.
The 74HC/HCT9114 have open-drain N-transistor
outputs, which are not clamped by a diode connected to
VCC. In the OFF-state, i.e. when one input is LOW, the
output may be pulled to any voltage between GND and
VOmax. This allows the device to be used as a
LOW-to-HIGH or HIGH-to-LOW level shifter. For digital
operation and OR-tied output applications, these devices
must have a pull-up resistor to establish a logic HIGH level.
The “9114” is identical to the “9115” but has inverting
outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLZ
propagation delay An to Yn
CL = 15 pF; VCC = 5 V
12
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per buffer
notes 1 and 2
5
5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com