Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5764CSU Datasheet(PDF) 22 Page - Analog Devices

Part # AD5764CSU
Description  Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSU Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5764CSU Datasheet HTML 18Page - Analog Devices AD5764CSU Datasheet HTML 19Page - Analog Devices AD5764CSU Datasheet HTML 20Page - Analog Devices AD5764CSU Datasheet HTML 21Page - Analog Devices AD5764CSU Datasheet HTML 22Page - Analog Devices AD5764CSU Datasheet HTML 23Page - Analog Devices AD5764CSU Datasheet HTML 24Page - Analog Devices AD5764CSU Datasheet HTML 25Page - Analog Devices AD5764CSU Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Preliminary Technical Data
AD5764
Rev. PrC 21-Oct-04| Page 23 of 28
AD5764 FEATURES
ANALOG OUTPUT CONTROL
In many industrial process control applications, it is vital that
the output voltage be controlled during power up and during
brownout conditions. When the supply voltages are changing,
the VOUT pin is clamped to 0 V via a low impedance path. To
prevent the output amp being shorted to 0 V during this time,
transmission gate G1 is also opened. These conditions are
maintained until the power supplies stabilize and a valid word is
written to the DAC register. At this time, G2 opens and G1
closes. Both transmission gates are also externally controllable
via the Reset In (RSTIN) control input. For instance, if RSTIN is
driven from a battery supervisor chip, the RSTIN input is
driven low to open G1 and close G2 on power-off or during a
brownout. Conversely, the on-chip voltage detector output
(RSTOUT) is also available to the user to control other parts of
the system. The basic transmission gate functionality is shown
in Figure 10.
VOLTAGE
MONITOR
AND
CONTROL
AGNDA
VOUTA
G1
RSTOUT
RSTIN
G2
Figure 10. Analog Output Control Circuitry
DIGITAL OFFSET AND GAIN CONTROL
The AD5764 incorporates a digital offset adjust function with a
±16 LSB adjust range and 0.125 LSB resolution. The gain
register allows the user to adjust the AD5764’s full-scale output
range. The full-scale output can be programmed to achieve full-
scale ranges of ±10 V, ±10.256 V, and ±10.526 V. A fine gain
trim is also available, allowing a trim range of ±16 LSB in 1 LSB
steps.
PROGRAMMABLE SHORT-CIRCUIT PROTECTION
The short-circuit current of the output amplifiers can be pro-
grammed by inserting an external resistor between the ISCC
pin and AGND. The programmable range for the current is
500 µA to 10 mA, corresponding to a resistor range of 120 kΩ
to 6 kΩ. If the ISCC pin is left unconnected the short circuit
current limit defaults to 5 mA. It should be noted that limiting
the short circuit current to a small value can affect the slew rate
of the output when driving into a capacitive load, therefore the
value of short-circuit current programmed should take into
account the size of the capacitive load being driven.
DIGITAL I/O PORT
The AD5764 contains a 2-bit digital I/O port (D1 and D0);
these bits can be configured as inputs or outputs independently,
and can be driven or have their values read back via the serial
interface. The I/O port signals are referenced to DVCC and
DGND. When configured as outputs, they can be used as con-
trol signals to multiplexers or can be used to control calibration
circuitry elsewhere in the system. When configured as inputs,
the logic signals from limit switches, for example, are applied to
D0 and D1 and can be read back via the digital interface.
TEMPERATURE SENSOR
The on-chip temperature sensor provides a voltage output that
is linearly proportional to the Centigrade temperature scale.
The typical accuracy of the temperature sensor is ±1°C at +25°C
and ±5°C over the −40°C to +105°C range. Its nominal output
voltage is 1.5V at +25°C, varying at 5 mV/°C, giving a typical
output range of 1.175V to 1.9 V over the full temperature range.
Its low output impedance, low self heating, and linear output
simplify interfacing to temperature control circuitry and A/D
converters.
LOCAL GROUND OFFSET ADJUST
The AD5764 incorporates a Local Ground Offset Adjust feature
which when enabled in the Function Register adjusts the DAC
outputs for voltage differences between The individual DAC
ground pins and the REFGND pin ensuring that the DAC
output voltages are always with respect to the local DAC ground
pin. For instance if pin AGNDA is at +5mV with respect to the
REFGND pin and VOUTA is measured with respect to
AGNDA then a +5mV error will result, enabling the Local
Ground Offset Adjust feature will offset VOUTA by +5mV
eliminating the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com