Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL40 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # CL40
Description  Single and triple output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CL40 Datasheet(HTML) 1 Page - Artesyn Technologies

  CL40 Datasheet HTML 1Page - Artesyn Technologies CL40 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Line regulation
Single outputs
±0.2%
LL to HL, FL
Multi's: +5.1V output
±0.2%
Multi's: aux. outputs
±1.0%
Total regulation
Single outputs
±5.0%
NL to FL (Note 5)
Multi's: +5.1V output,
±5.0%
Multi's: aux. outputs
See table
Overshoot/undershoot
At turn-on
10% max.
Transient response
+5.1V output
±250mV max. dev.,
(Single output model)
(50% FL to
1ms recovery to 1%
100% FL step)
Temperature coefficient All outputs
±0.02%/°C
Overvoltage protection
+5.1V output only
6.25V ±0.75V
Output power limit
Primary power limited
90W Pin max.
50W Pout min.
Short Circuit Protection
Continuous with
auto-restart
INPUT SPECIFICATIONS
Input voltage range
Note 1
85 to 264VAC
Input frequency range
47 to 440Hz
Input surge current
110VAC
12A max.
230VAC
30A max.
Safety ground
110VAC, 60Hz
0.2mA
leakage current
230VAC, 50Hz
0.4mA
ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS
Radiated emissions
EN55022, EN55011, FCC
Level B
Conducted emissions
EN55022, EN55011, FCC
Level A
Electrostatic discharge
EN61000-4-2
Level 4
Electrostat. air discharge IEC801-2
Level 3
RF field susceptibility
IEC801-3
Level 3
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
110VAC
12ms
230VAC
110ms
Efficiency
110VAC and 230VAC
70% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Variable
20kHz to 70kHz
Approvals and
VDE0805, EN60950
standards
IEC950, IEC1010, UL1950
BABT, CSA C22.2 No. 950
Case material
ABS plastic
Material flammability
UL94V-0
Weight
800g (28oz)
MTBF
MIL-HDBK-217E
100,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating
0°C to +40°C
Non-operating
–40°C to +85°C
0°C to 40°C ambient
40W
Peak (0°C to 40°C, max. 60s)
50W
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration, 5Hz to 500Hz See Note 8
2.4G rms (approx)
Recommended for new design-ins
CL40 SERIES
Single and triple output
[ 2 YEAR WARRANTY ]
• 85VAC to 264VAC universal input range
• Pre-approved SELV power solution
• Up to 40W continuous output power
• Up to 50W peak output power
• UL, CSA, VDE and BABT approved
• VDE0871-A conducted noise performance
• Stand alone "listed" equipment
The CL40 series is a family of 40W (50W peak) external switching power
supplies. The CL40 enables the system specifier to optimise the design for
several reasons. Firstly, because the power supply offers pre-approved SELV
(Safety Extra Low Voltage) outputs, the submission of the apparatus for safety
approval is simplified. This represents a significant saving of time and money.
Secondly, the task of integrating the power supply into the mechanical design is
eliminated, presenting further savings in time and money by ensuring a shorter
and simpler design cycle. This means that your product gets to market faster.
These advantages are complemented by universal input, CE mark, IEC950, UL,
CSA, VDE and BABT approvals, to complete a worldwide packaged power
solution suitable for a wide variety of low power, desktop applications.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - CL40

ManufacturerPart #DatasheetDescription
logo
COAST Products.
CL400 COAST-CL400 Datasheet
852Kb / 4P
High-performance, lighting solutions at a highly competitive price
logo
Wabash Transformer Inc.
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E01-000 WABASH-CL40E01-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E02-000 WABASH-CL40E02-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E02-0CT WABASH-CL40E02-0CT Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
More results

Similar Description - CL40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Artesyn Technologies
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NFS40-7608J ARTESYN-NFS40-7608J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com