Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL40-7613 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # CL40-7613
Description  Single and triple output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CL40-7613 Datasheet(HTML) 2 Page - Artesyn Technologies

  CL40-7613 Datasheet HTML 1Page - Artesyn Technologies CL40-7613 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
OUTPUT CURRENT (1)
RIPPLE (4)
TOTAL
MODEL NUMBER
VOLTAGE
MAX (2)
PEAK (3)
REGULATION (5)
+5.1V (A)
3.0A
5.0A
50mV
±5.0%
CL40-7608
+12.0V (B)
1.7A
3.0A
120mV
-3.0%, +7.0%
–12.0V
0.35A
1.0A
120mV
±5.0%
+5.1V (A)
3.0A
5.0A
50mV
±5.0%
CL40-7610
+15.0V (B)
1.3A
3.0A
150mV
-2.0%, +5.0%
–15.0V
0.35A
1.0A
150mV
±5.0%
+5.1V
5.0A
5.0A
50mV
±6.0%
CL40-7605
CL40-7605J (7)
+12.0V
3.3A
4.0A
120mV
±5.0%
CL40-7612
CL40-7612J (7)
+13.5V
3.0A
3.7A
130mV
±5.0%
CL40-7613
+15.0V
2.7A
3.3A
150mV
±5.0%
CL40-7615
CL40-7615J (7)
+16.5V
2.4A
3.0A
160mV
±5.0%
CL40-7616
+24.0V
1.6A
2.0A
240mV
±5.0%
CL40-7624
CL40-7624J (7)
2.5mm BATTERY ELIMINATOR JACK
(SUFFIX 'J')
+ POSITIVE
- NEGATIVE
Notes
1 For 230VAC operation a minimum output load of 4 Watts is required.
2 Natural convection cooling, 40W maximum.
3 Peak output current lasting less than 60 seconds with duty cycle less than
10%. During peak loading outputs may go outside of regulation limits.
Peak total power must not exceed 50W.
4 Figures are peak-to-peak. Output noise is measured across a 20MHz
bandwidth using a 12” twisted pair terminated with a 47µF capacitor.
5 Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, load currents within stated limits, and output voltages
adjusted to their factory settings. Also, for ‘B’ output stated regulation:
I(A)/I(B)<5.
6 The standard CL40 is IEC950/VDE0805 approved as a stand-alone power
supply. The plastic case incorporates an IEC 320 inlet receptacle.
No input cable is supplied in Europe as standard.
An input cable is supplied to customers in the US only. To order add
the suffix ‘I’ to the end of the model number, e.g. CL40-7605I.
In order to have a stand-alone power supply fully UL and CSA listed (as
opposed to certified or recognised) it is required that the manufacturer pro-
vide an approved input cable with the power supply.
7 The standard output connector is a DIN41524 five-pin plug. As an alterna-
tive single output models can be supplied with a 2.5mm battery eliminator
jack. To order this option add the suffix “J” to the model number.
Example: CL40-7612J. See the table above for availability.
8 Three orthogonal axes random vibration, 10 minute test for each axis.
2.60
(66)
72
(1829)
6.5
(165)
3.85
(98)
1
2
3
4
5
STANDARD OUTPUT CONNECTION
(DIN 41524 FIVE PIN PLUG)
ALL DIMENSIONS ARE INCHES (mm)
International Safety Standard Approvals
VDE0805/EN60950, IEC950, IEC1010
File No. 10401-3336-1062 Licence No. 1062
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062/LR50913/LR101320
Certificate No. PS/603191
40 Watt
AC/DC external power supplies
AC/DC POWER SUPPLIES
|
40W AC/DC
PAGE 2
http://www.artesyn.com
PIN CONNECTIONS
PIN NUMBER
SINGLES
-7608
-7610
1+VOUT
+5.1V
+5.1V
2+VOUT
+12V
+15V
3
Return
Return
Return
4
Return
–12V
–15V
5
Return
Return
Return
geprüfte
Sicherhelt



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com