Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFP1000 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DFP1000
Description  Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DFP1000 Datasheet(HTML) 3 Page - Artesyn Technologies

  DFP1000 Datasheet HTML 1Page - Artesyn Technologies DFP1000 Datasheet HTML 2Page - Artesyn Technologies DFP1000 Datasheet HTML 3Page - Artesyn Technologies DFP1000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALL DIMENSIONS IN INCHES (mm)
11.00
(279.40)
0.25
(6.40)
.98
(24.90)
3.00
(76.20)
SEE DETAIL 'B'
VIEW A
VIEW B
J2
DETAIL 'A'
DETAIL 'B'
J1
12
11
10
9
8
7
6
5
4
3
2
1
24
23
22
21
20
19
18
17
16
15
14
13
6.52
(165.60)
6.00
(152.40)
5.00
(127.00)
2.149
(54.58)
1.606 (40.79)
12
11
10
9
8
7
6
5
4
3
2
1
24
23
22
21
20
19
18
17
16
15
14
13
SEE DETAIL 'A'
VIEW B
J1
VIEW A
NL
NL
G
(J2) DC connector
Molex BMI receptacle 42474 part number 15-06-0240 or equivalent with Molex
5556 female crimp terminal part number 39-00-0182 or equivalent.
(J1) AC connector
Standard IEC connector.
(J2) DC mating connector
Molex BMI plug 42475 part number 15-06-0246 or equivalent with Molex 5558
male crimp terminal part number 39-00-0220 or equivalent.
(J1) AC mating connector
Standard IEC plug.
PAGE 3
1000 Watt
AC/DC PFC front-end for distributed power architectures
1000W AC/DC
|
DISTRIBUTED POWER FRONT END AC/DC POWER SUPPLIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com