Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF950 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DPF950
Description  Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DPF950 Datasheet(HTML) 1 Page - Artesyn Technologies

  DPF950 Datasheet HTML 1Page - Artesyn Technologies DPF950 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Voltage set point
-46.5V ±0.50V
Total regulation
Main output
±5.0%
(Full load to no load)
Auxiliary output
±2.5%
Rise time
At turn-on
3.0s, max.
Transient response
Main output
3V max. dev.,
50% to 100%
1ms recovery
step at 1.0A/µs
to 1.0%
Ripple and noise
Main output
480mV pk-pk,
0Hz to 30MHz (Note 5)
Auxiliary output
50mV pk-pk
Overvoltage protection
latching
-55V to - 60V
Output power limit
950W
Short circuit protection
Cyclic operation
Auto recovery
Current sharing
3V droop, 1/3 Load
±10% sharing
to full load
above 5A load
INPUT SPECIFICATIONS
Input voltage range
90 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
220VAC, cold start @ 25°C
36A typ.
Input surge
300VAC
20ms
Safety ground
120VAC, 60Hz
0.2mA
leakage current
230VAC, 50Hz
0.4mA
Input current
90VAC, 950W
14A rms max.
Input fuse
UL, IEC approved
250VAC, 20A
Power factor
110VAC
0.99
220VAC
0.98
DPF950 SERIES
Dual output
[ 2 YEAR WARRANTY ]
• 950W front end
• EN61000-3-2 compliant
• 12.75 x 8.0 x 4.93 inch (including panel)
• Hot-pluggable, N+1 redundancy
• Full set of status signals
• EN55022, EN55011 conducted emissions level B
• UL, VDE, CSA and BABT safety approvals
The DPF950 is a 950W universal input AC/DC front end power supply in a fully
enclosed hot pluggable case with built-in fan, front panel with handle, IEC input
connector, on/off switch and DIN output signal connector. Providing dual 48V
and 5V outputs with a full set of status signals, the DPF950 is designed as a
slot-in front end for distributed power systems. The DPF950 provides 950W of
output power and is fully compliant with EN61000-3-2. Standard features
include current sharing and full protection against overvoltage, overload and
short circuit. Remote or local system monitoring is possible via a full set of
status signals that include fan fail, DC good, remote inhibit and current
monitoring. The DPF950, with full international safety approval and the CE mark,
meets conducted emissions EN55022 level B. The DPF950 is designed for use
as a front end in medium power communication applications adopting
distributed power architecture. The DPF950 can be used in conjunction with our
complete range of 3 to 200W DC/DC converters to fully configure a distributed
power system.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
EMC CHARACTERISTICS
Radiated noise
EN55022/11, FCC part 15
Level A
Conducted noise
EN55022/11
Level B
FCC part 15
Level A
Harmonic current emm. EN61000-3-2
Compliant
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
120VAC, 60Hz FL
20ms @ 950W
Efficiency
90Vin, >66% rated load
78% min.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
50kHz
Approvals and
VDE0805, EN60950, IEC950
standards
UL1950, BABT
CSA C22.2 No. 950
Weight
6.4kg (14Ibs)
MTBF
MIL-HDBK-217F
100,000 hours
@ 25°C
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient, FL
0°C to +50°C
Non-operating
-40°C to +70°C
50°C to 70°C ambient,
Derate to
convection cooled
50% load
Cooling
Built-in fan
Relative humidity
Non-condensing
5% to 85% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms peak
Shock
MIL-STD-810E
516.4 Part IV


Similar Part No. - DPF950

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPF SENSATA-DPF Datasheet
296Kb / 2P
DIESEL PARTICULATE FILTER (DPF) TEMPERATURE
Rev:09/11/18
DPF SENSATA-DPF Datasheet
335Kb / 2P
DIESEL PARTICULATE FILTER (DPF) DELATE PRESSURE
Rev:09/20/18
logo
TALEMA Group. LLC
DPF--1.0-22 TALEMA-DPF--1.0-22 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPF--1.0-33 TALEMA-DPF--1.0-33 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPF-0.5-100 TALEMA-DPF-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results

Similar Description - DPF950

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
Distributed Power Front-End
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
Distributed power architectures
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
Distributed Power Architectures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com