Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF1500 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DPF1500
Description  Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DPF1500 Datasheet(HTML) 1 Page - Artesyn Technologies

  DPF1500 Datasheet HTML 1Page - Artesyn Technologies DPF1500 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
TÜV
OUTPUT SPECIFICATIONS
Voltage set point
-57.8V ±0.1%
Total regulation
Main output
±5.0%
FL to NL
Rise time
At turn-on
1.0s, max.
Transient response
Main output
12% max. dev.,
50% to 100%
1ms recovery
step at 1A/µs
to 1.0%
Ripple and noise
Main output
1.0V pk-pk
0Hz to 20MHz
Overvoltage protection
latching
60V to 71V
Output power limit
1550W
Short circuit protection
Non-latching
Auto-recovery, 5A rms
max short circuit current
Current sharing
2V droop from 20%
to 100% rated load
Capacitive load
24µF max.
INPUT SPECIFICATIONS
Input voltage range
176 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
220VAC, cold start
40A max.
Input surge
300VAC
20ms
Safety ground
230VAC, 50Hz
0.4mA
leakage current
Input current
176VAC, 1500W
13A rms max.
Input fuse
Non-replaceable
15A
Power factor
220VAC
0.96 min.
DPF1500 SERIES
Single output
[ 2 YEAR WARRANTY ]
• Efficiency >90%
• 1500W front end
• EN61000-3-2 compliant
• 12.6 x 6.5 x 4.9 inch size
• Hot pluggable
• N+1 redundancy
• Full set of status signals
• EN55022, EN55011 conducted emissions level A
• UL, TÜV and CSA safety approvals
The DPF1500 is a 1500W universal input AC/DC front end power supply in a fully
enclosed hot pluggable case with built-in fan, handle, IEC input connector, on/off
switch and DIN output signal connector. Providing a single 57.8V output at full load
with a full set of status signals. The DPF1500 is designed for use as a front end in
medium power communication applications adopting distributed power architecture.
The DPF1500 provides 1500W of output power and is fully compliant with EN61000-
3-2. Standard features include current sharing and full protection against overvoltage,
overload and short circuit. Remote or local system monitoring is possible via a full set
of status signals that include fan fail, DC good, power fail, remote inhibit and current
monitoring. The DPF1500, with full international safety approval and the CE mark,
meets conducted emissions EN55022 level A. The DPF1500 can be used in
conjunction with our complete range of 3 to 200W DC/DC converters to fully configure
a distributed power system.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
EMC CHARACTERISTICS
Radiated noise
EN55022/11, FCC part 15
Level A
Conducted noise
EN55022/11, FCC part 15
Level A
Harmonic current emm. EN61000-3-2
Compliant
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
240VAC, 60Hz FL
10ms @ 1500W
Efficiency
90% typ.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
50kHz
Approvals and
EN60950, UL1950,
standards
CSA C22.2 No. 950
Weight
6.9kg (15Ibs)
MTBF
500,000 hours
demonstrated
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient, FL
0°C to +50°C
Non-operating
-40°C to +85°C
50°C to 70°C ambient,
Derate to
convection cooled
50% load
Cooling
Built-in fan
Relative humidity
Non-condensing
5% to 85% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms peak


Similar Part No. - DPF1500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DPF1000-9617PE ARTESYN-DPF1000-9617PE Datasheet
267Kb / 4P
Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
More results

Similar Description - DPF1500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
Distributed power architectures
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
Distributed power architectures
logo
Artesyn Technologies
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
1500 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
1500 Watt Bulk Front End
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com