Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC93D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC93D
Description  4-bit binary ripple counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC93D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC93D Datasheet HTML 1Page - NXP Semiconductors 74HC93D Datasheet HTML 2Page - NXP Semiconductors 74HC93D Datasheet HTML 3Page - NXP Semiconductors 74HC93D Datasheet HTML 4Page - NXP Semiconductors 74HC93D Datasheet HTML 5Page - NXP Semiconductors 74HC93D Datasheet HTML 6Page - NXP Semiconductors 74HC93D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
4-bit binary ripple counter
74HC/HCT93
FEATURES
• Various counting modes
• Asynchronous master reset
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT93 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
no. 7A.
The 74HC/HCT93 are 4-bit binary
ripple counters. The devices consist
of four master-slave flip-flops
internally connected to provide a
divide-by-two section and a
divide-by-eight section. Each section
has a separate clock input (CP0 and
CP1) to initiate state changes of the
counter on the HIGH-to-LOW clock
transition. State changes of the Qn
outputs do not occur simultaneously
because of internal ripple delays.
Therefore, decoded output signals
are subject to decoding spikes and
should not be used for clocks or
strobes.
A gated AND asynchronous master
reset (MR1 and MR2) is provided
which overrides both clocks and
resets (clears) all flip-flops.
Since the output from the
divide-by-two section is not internally
connected to the succeeding stages,
the device may be operated in various
counting modes. In a 4-bit ripple
counter the output Q0 must be
connected externally to input CP1.
The input count pulses are applied to
clock input CP0. Simultaneous
frequency divisions of 2, 4, 8 and 16
are performed at the Q0, Q1, Q2 and
Q3 outputs as shown in the function
table. As a 3-bit ripple counter the
input count pulses are applied to input
CP1.
Simultaneous frequency divisions of
2, 4 and 8 are available at the Q1, Q2
and Q3 outputs. Independent use of
the first flip-flop is available if the reset
function coincides with reset of the
3-bit ripple-through counter.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF; VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC; for HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay CP0 to Q0
CL = 15 pF; VCC =5 V
12
15
ns
fmax
maximum clock frequency
100
77
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
22
22
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com