Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXQ60D Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXQ60D
Description  60 W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ60D Datasheet(HTML) 2 Page - Artesyn Technologies

  EXQ60D Datasheet HTML 1Page - Artesyn Technologies EXQ60D Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Io1 = 6 A, Io2 = 9 A
2
User must provide recommended fuses in order to comply with safety
approvals.
3
Maximum continuous output power.
60 Watts for D05-3V3 models
40 Watts for D3V3-2V5 models.
4
The EXQ60D features ‘Active High’ Remote ON/OFF as standard. An
‘Active Low’ Remote ON/OFF version is also available. To order
the ‘Active
Low’ version of the EXQ60-48D05-3V3J please add the suffix ‘-R’ towards
the end of the part number, i.e. EXQ60-48D05-3V3-RJ. As our part
numbers cannot exceed 18 characters when ordering the ‘Active Low’
version of the EXQ60-48D3V3-2V5J please add the suffix ‘R’ towards the
end of the part number, i.e. EXQ60-48D3V3-2V5RJ.
5
When ordering 0.110" pin lengths designate with suffix ‘-K‘. If the product
is already a ‘-R’ suffix product then the suffix will be ‘-RK’.
6
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
+Vin
2
Remote On/Off
3
-Vin
4
OP2
5
Output Return
6
Trim
7
OP1
EXQ60D Series
Dual positive output
DC/DC CONVERTERS 60 W High Efficiency DC/DC Converters
2
Please consult our website for the following items:
 Application Note  Longform Data Sheet
www.artesyn.com
File Name: exq60d.pdf Rev: 29 Mar 2006
INPUT
OUTPUT VOLTAGE
OUTPUT CURRENT
OVP
TYPICAL
MODEL
VOLTAGE
OP1
OP2
1
2
1
2
EFFICIENCY
NUMBER (4,5,6)
33-75 Vdc
5 V
3.3 V
12 A
15 A
5.9 V
4.0 V
91.5%
EXQ60-48D05-3V3J
33-75 Vdc
3.3 V
2.5 V
12 A
16 A
4.0 V
3.0 V
90.5%
EXQ60-48D3V3-2V5J
International Safety Standard Approvals
UL/cUL : UL1950 File No. E135734
TÜV Rheinland Certificate No. 40013415
File No. 10401-3336-0208
CB Scheme No. DE1-32228
Recommended Hole Pattern
M3 x 0.5 Threaded
Through (4 PLS)
Ø0.128 [Ø3.25]
(4 PLS)
Ø0.054 [Ø1.37]
(7 PLS)
0.000 [0.00]
0.225 [5.72]
0.475 [12.07]
0.725 [18.42]
0.975 [24.77]
0.50 [12.70]
0.250 [6.35]
0.600 [15.24]
0.950 [24.13]
0.000 [0.00]
*
0.145 [3.68]
0.000 [0.00]
0.225 [5.72]
0.475 [12.07]
0.725 [18.42]
0.975 [24.77]
0.250 [6.35]
0.600 [15.24]
0.950 [24.13]
1.200 [30.48]
0.000 [0.00]
1
2
3
4
5
6
7
3
2
1
7
6
5
4
Ø0.040 [Ø1.09]
(7 PLS)
2.000 [50.80]
2.300 [58.42]
2.000 [50.80]
0.150 [3.81]
0.150 [3.81]
1.500
[38.10]
1.200
[30.48]
ALL DIMENSIONS IN INCHES [mm]
Bottom View
Top View
*Standard available pin length.
0.110 (2.79) option also available.
See Note 5 for ordering details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com