Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO03C Datasheet(PDF) 18 Page - Artesyn Technologies

Part # LDO03C
Description  Single Output C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO03C Datasheet(HTML) 18 Page - Artesyn Technologies

Back Button LDO03C Datasheet HTML 13Page - Artesyn Technologies LDO03C Datasheet HTML 14Page - Artesyn Technologies LDO03C Datasheet HTML 15Page - Artesyn Technologies LDO03C Datasheet HTML 16Page - Artesyn Technologies LDO03C Datasheet HTML 17Page - Artesyn Technologies LDO03C Datasheet HTML 18Page - Artesyn Technologies LDO03C Datasheet HTML 19Page - Artesyn Technologies LDO03C Datasheet HTML 20Page - Artesyn Technologies LDO03C Datasheet HTML 21Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
LDO03C Series | 3 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_Ldo03c.pdf Rev: (01) 12 Apr 2006
18
Figure 26: Mechanical Drawing - Vertical
Figure 27: Mechanical Drawing - Horizontal
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
0.051 (1.30)
0.067 (1.70)
TYP
0.370 (9.40)
0.610 (15.49)
0.025 (0.64) SQ. PIN
PIN 1
0.050 (1.27)
0.212 (5.37)
0.16 (3.94)
LDO03C-
005W05-VJ
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
0.025 (0.64) SQ. PIN
0.125 (3.18)
0.120 (3.05)
0.292 (7.41)
0.370 (9.40)
0.610 (15.49)
0.051 (1.30)
0.067 (1.70)
TYP
0.540 (13.72)
0.131 (3.33)
PIN 1
LDO03C-
005W05-HJ
Pin Connections
Pin No.
Function
1
Remote on/off
2
Vin
3
Common / RTN
4
Vout
5
PG / Trim
6
Mech Pin
(Horz/SMT only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com