Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-RJE3B-188-0XX2 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # P-RJE3B-188-0XX2
Description  MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-RJE3B-188-0XX2 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  P-RJE3B-188-0XX2 Datasheet HTML 1Page - Amphenol Communications Solutions P-RJE3B-188-0XX2 Datasheet HTML 2Page - Amphenol Communications Solutions P-RJE3B-188-0XX2 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUG16/22
A.GREEN
AUG16/22
L.CHAN
AUG16/22
JAMISON.C
3.90
0.154
0.61
0.024
TYP
9.93
0.391
NOTES:
ELECTRICAL:
1. 60 VDC WITH MAXIMUM POWER 100 W
2. INSULATING RESISTANCE : 500 MEGAOHMS MINIMUN.
3. DIELECTRIC STRENGTH : 1000 VAC 60Hz, 1MIN.
4. CATEGORY 6 CHARACTERISTIC
MECHANICAL:
1. HOUSING: HIGH TEMP THERMOPLASTIC. UL 94V-0.
2. CONTACT: PHOSPHOR BRONZE.
SELECTIVE GOLD PLATING FOR MATING SURFACE,
50u" MIN. NICKEL UNDERPLATE
100u'' MATTE TIN PLATING ON CONTACT SOLDER TAIL.
3. COPLANARITY:
THE MAXIMUM GAP BETWEEN ALL TERMINAL TAILS IS 0.10 [0.004]
ENVIRONMENTAL:
1.OPERATING TEMPERATURE:-55 °C TO +85°C
2.MATES WITH MODULAR PLUG CONFORMING TO TIA 1096 STANDARD.
3.RECOMMENDED SOLDER PROCESS:
REFLOW SOLDER,PEAR TEMPERATURE 260°C FOR 10 SECONDS MAX.
RJ CONNECTOR CONFORMS TIA-1096 STANDARD
AMPHENOL PART NUMBER DESCRIPTION: RJE3B-188-0XX2
LED CODE
SEE PAGE 2
GOLD PLATING OPTION
1=6u" GOLD PLATING
2=15u" MIN GOLD PLATING
3=30u" MIN GOLD PLATING
4=50u" MIN GOLD PLATING
FREQUENCY
MHZ
NEAR-END CROSSTALK
dB,MIN.
RETURN LOSS
dB , MIN.
INSERTION LOSS
dB,MAX.
1.0
75.0
30.0
0.1
4.0
75.0
30.0
0.1
8.0
75.0
30.0
0.1
10.0
74.0
30.0
0.1
16.0
69.9
30.0
0.1
20.0
68.0
30.0
0.1
25.0
66.0
30.0
0.1
31.25
64.1
30.0
0.11
62.5
58.1
28.1
0.16
100.0
54.0
24.0
0.20
200.0
48.0
18.0
0.28
250.0
46.0
16.0
0.32
0.25
1
1
3 DECIMAL PLACES
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
SHEET
REF.
THIRD
3
A
SCALE:
ANGULAR DEGREES
0.13
INCHES
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
REV
DWG.
NO.
6
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-RJE3B-188-0XX2
A
INITIAL RELEASE
DATE
1
DRAWING
03554
FIT
N/A
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
REV
AUG16/22
K.T
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
REVISIONS
PRIMARY UNITS
SECONDARY
DWG APPR.
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
SCALE
2
UNLESS SPECIFIED OTHERWISE
ENG. REL. NO.
ANGLE
1
1 DECIMAL PLACE
2 DECIMAL PLACES
MODULAR JACK, SINGLE PORT, 8P8C,
UNSHIELDED, TAB UP, W/ LED, WITH
POSITION PEG, CAT 6, RoHS COMPLIANT
0.061
1.55
0.634
16.10
0.333
8.45
0.520
13.20
0.764
19.40
17.90
0.705
1.36
0.054
1
8
A4
A2
TOLERANCE: +/-0.05[0.002]
A3
RECOMMENDED PCB LAYTOUT
VIEW FROM COMPONENT SIDE
A1
1.02 TYP.
0.281
0.040
0.617
15.66
0.378
9.61
0.222
2.30
0.091
16.04
7.14
0.631
5.65
3.25
0.128
RJ 8
RJ 1
18.70
0.736
19.10
0.752
0.539
13.70
13.50
0.531
0.110
REF
2.80
2.16
0.085
1.00
0.039


Similar Part No. - P-RJE3B-188-0XX2

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-RJE3B-188-0X02 AMPHENOLCS-P-RJE3B-188-0X02 Datasheet
394Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/O LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
Rev. A
More results

Similar Description - P-RJE3B-188-0XX2

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615008148521 WURTH-615008148521 Datasheet
374Kb / 3P
HORIZONTAL PLASTIC MODULAR JACK 8P8C TAB UP
615008149521M WURTH-615008149521M Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
615008149521R WURTH-615008149521R Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
6150XX149521 WURTH-6150XX149521 Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
logo
Amphenol Communications...
P-RJE3B-188-0X02 AMPHENOLCS-P-RJE3B-188-0X02 Datasheet
394Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/O LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
Rev. A
P-RJE3B-188-1X01 AMPHENOLCS-P-RJE3B-188-1X01 Datasheet
392Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, SHIELDED, TAB UP, WITHOUT LED, CAT 6, RoHS COMPLIANT
Rev. A
P-RJE3C-188-0X02 AMPHENOLCS-P-RJE3C-188-0X02 Datasheet
392Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/O LED, WITH POSITION PEG, CAT 6A, RoHS COMPLIANT
Rev. A
P-RJE3C-188-0XX2 AMPHENOLCS-P-RJE3C-188-0XX2 Datasheet
418Kb / 3P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6A, RoHS COMPLIANT
Rev. A
logo
Wurth Elektronik GmbH &...
615016149521 WURTH-615016149521 Datasheet
709Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
615032149521 WURTH-615032149521 Datasheet
709Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com