Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-RJE3C-188-0X02 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # P-RJE3C-188-0X02
Description  MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/O LED, WITH POSITION PEG, CAT 6A, RoHS COMPLIANT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-RJE3C-188-0X02 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  P-RJE3C-188-0X02 Datasheet HTML 1Page - Amphenol Communications Solutions P-RJE3C-188-0X02 Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AUG16/22
A.GREEN
AUG16/22
L.CHAN
AUG16/22
JAMISON.C
3.90
0.154
0.024
0.61 TYP
1.50
0.059
TOP SURFACE OF PCB
13.60
0.535
0.748
19.00
13.40
0.528
18.70
0.736
15.66
0.617
NOTES:
ELECTRICAL:
1. 60 VDC WITH MAXIMUM POWER 100 W
2. CURRENT RATING: 1.25 AMPS PER CONTACT.
3. INSULATING RESISTANCE : 500 MEGAOHMS MINIMUN.
4. DIELECTRIC STRENGTH : 1000 VAC 60Hz, 1MIN.
5. CATEGORY 6A CHARACTERISTIC
MECHANICAL:
1. HOUSING: HIGH TEMP THERMOPLASTIC. UL 94V-0.
2. CONTACT: PHOSPHOR BRONZE.
SELECTIVE GOLD PLATING FOR MATING SURFACE,
50u" MIN. NICKEL UNDERPLATE
100u'' MATTE TIN PLATING ON CONTACT SOLDER TAIL.
3. COPLANARITY:
THE MAXIMUM GAP BETWEEN ALL TERMINAL TAILS IS 0.10 [0.004]
ENVIRONMENTAL:
1. OPERATING TEMPERATURE:-55 °C TO +85°C
2.MATES WITH MODULAR PLUG CONFORMING TO TIA 1096 STANDARD.
3.RECOMMENDED SOLDER PROCESS:
REFLOW SOLDER,PEAR TEMPERATURE 260°C FOR 10 SECONDS MAX.
RJ CONNECTOR CONFORMS TIA 1096
AMPHENOL PART NUMBER DESCRIPTION: RJE3C-188-0X02
GOLD PLATING OPTION
1=6u" GOLD PLATING
2=15u" MIN GOLD PLATING
3=30u" MIN GOLD PLATING
4=50u" MIN GOLD PLATING
FREQUENCY
MHZ
NEAR-END CROSSTALK
dB,MIN.
RETURN LOSS
dB , MIN.
INSERTION LOSS
dB,MAX.
1.0
75.0
30.0
0.1
4.0
75.0
30.0
0.1
8.0
75.0
30.0
0.1
10.0
74.0
30.0
0.1
16.0
69.9
30.0
0.1
20.0
68.0
30.0
0.1
25.0
66.0
30.0
0.1
31.25
64.1
30.0
0.11
62.5
58.1
30.0
0.16
100.0
54.0
28.0
0.20
200.0
48.0
22.0
0.28
250.0
46.0
20.0
0.32
300.0
42.9
18.5
0.35
400.0
37.9
16.0
0.40
500.0
34.0
14.0
0.45
MODULAR JACK, SINGLE PORT, 8P8C,
UNSHIELDED, TAB UP, W/O LED, WITH
POSITION PEG, CAT 6A, RoHS COMPLIANT
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
0.13
ANGULAR DEGREES
2
A
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-RJE3C-188-0X02
A
INITIAL RELEASE
AUG16/22
K.T
DWG SIZE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
DRAWING
03554
FIT
N/A
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.25
THIRD
GENERAL TOLERANCES
SHEET
1
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
INCHES
8.45
0.333
0.764
19.40
0.705
17.90
13.20
0.520
1.36
0.054
8
TOLERANCE: +/-0.05[0.002]
RECOMMENDED PCB LAYTOUT
VIEW FROM COMPONENT SIDE
1
3.25
15.66
0.128
0.281
7.14
TYP.
0.040
1.02
0.617
9.93
0.391
2.16
0.085
REF
0.118
3.00
1.00
0.039


Similar Part No. - P-RJE3C-188-0X02

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-RJE3C-188-0XX2 AMPHENOLCS-P-RJE3C-188-0XX2 Datasheet
418Kb / 3P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6A, RoHS COMPLIANT
Rev. A
More results

Similar Description - P-RJE3C-188-0X02

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615008148521 WURTH-615008148521 Datasheet
374Kb / 3P
HORIZONTAL PLASTIC MODULAR JACK 8P8C TAB UP
615008149521M WURTH-615008149521M Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
615008149521R WURTH-615008149521R Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
6150XX149521 WURTH-6150XX149521 Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
logo
Amphenol Communications...
P-RJE3B-188-0X02 AMPHENOLCS-P-RJE3B-188-0X02 Datasheet
394Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/O LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
Rev. A
P-RJE3B-188-0XX2 AMPHENOLCS-P-RJE3B-188-0XX2 Datasheet
418Kb / 3P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
Rev. A
P-RJE3B-188-1X01 AMPHENOLCS-P-RJE3B-188-1X01 Datasheet
392Kb / 2P
MODULAR JACK, SINGLE PORT, 8P8C, SHIELDED, TAB UP, WITHOUT LED, CAT 6, RoHS COMPLIANT
Rev. A
P-RJE3C-188-0XX2 AMPHENOLCS-P-RJE3C-188-0XX2 Datasheet
418Kb / 3P
MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6A, RoHS COMPLIANT
Rev. A
logo
Wurth Elektronik GmbH &...
615016149521 WURTH-615016149521 Datasheet
709Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
615032149521 WURTH-615032149521 Datasheet
709Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
B 10-SEP-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com