Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VGU6ATR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32WB55VGU6ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VGU6ATR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32WB55VGU6ATR Datasheet HTML 28Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 29Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 30Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 31Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 32Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 33Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 34Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 35Page - STMicroelectronics STM32WB55VGU6ATR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 196 page
background image
Functional overview
STM32WB55xx STM32WB35xx
32/196
DS11929 Rev 14
By default, the microcontroller is in Run mode, Range 1, after a system or a power on reset.
It is up to the user to select one of the low-power modes described below:
•
Sleep
In Sleep mode, only the CPU1 is stopped. All peripherals, including the RF subsystem,
continue to operate and can wake up the CPU when an interrupt/event occurs.
•
Low-power run
This mode is achieved with VCORE supplied by the low-power regulator to minimize
the regulator operating current. The code can be executed from SRAM or from the
flash memory, and the CPU1 frequency is limited to 2 MHz. The peripherals with
independent clock can be clocked by HSI16. The RF subsystem is not available in this
mode and must be OFF.
•
Low-power sleep
This mode is entered from the low-power run mode. Only the CPU1 clock is stopped.
When wake-up is triggered by an event or an interrupt, the system reverts to the
low-power run mode. The RF subsystem is not available in this mode and must be
OFF.
•
Stop 0, Stop 1 and Stop 2
Stop modes achieve the lowest power consumption while retaining the content of all
the SRAM and registers. The LSE (or LSI) is still running.
The RTC can remain active (Stop mode with RTC, Stop mode without RTC).
Some peripherals with wake-up capability can enable the HSI16 RC during Stop modes
to detect their wake-up condition.
Three modes are available: Stop 0, Stop 1 and Stop 2. In Stop 2 mode, most of the
VCORE domain is put in a lower leakage mode.
Stop 1 offers the largest number of active peripherals and wake-up sources, a smaller
wake-up time but a higher consumption than Stop 2. In Stop 0 mode the main regulator
remains ON, allowing a very fast wake-up time but with higher consumption.
In these modes the RF subsystem can wait for incoming events in all Stop modes.
The system clock when exiting from Stop 0, Stop1 or Stop2 modes can be either MSI
up to 48 MHz or HSI16 if the RF subsystem is disabled. If the RF subsystem or the
SMPS is used the exits must be set to HSI16 only. If used, the SMPS is restarted
automatically.
•
Standby
The Standby mode is used to achieve the lowest power consumption with BOR. The
internal regulator is switched off so that the VCORE domain is powered off.
The RTC can remain active (Standby mode with RTC).
The brown-out reset (BOR) always remains active in Standby mode.
The state of each I/O during standby mode can be selected by software: I/O with
internal pull-up, internal pull-down or floating.
After entering Standby mode, SRAM1, SRAM2b and register contents are lost except
for registers in the Backup domain and Standby circuitry. Optionally, SRAM2a can be
retained in Standby mode, supplied by the low-power regulator (Standby with 32 KB
SRAM2a retention mode).
The device exits Standby mode when an external reset (NRST pin), an IWDG reset,
WKUP pin event (configurable rising or falling edge), or an RTC event occurs (alarm,
periodic wake-up, timestamp, tamper) or a failure is detected on LSE (CSS on LSE, or
from the RF system wake-up).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com