Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFC40 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFC40
Description  Single and triple output 40 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC40 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFC40 Datasheet HTML 1Page - Artesyn Technologies NFC40 Datasheet HTML 2Page - Artesyn Technologies NFC40 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1082
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
NFC40 SERIES
Single and triple output
[ 2 YEAR WARRANTY ]
• 40 Watts in a 2.2 x 2.2 x 0.5 inch case
• Base plate cooled patented topology
• Remote ON/OFF control
• Short circuit protection
• Industry standard pin-out
• UL, CSA and VDE safety approvals
• Extended operating temperature range option
• Fixed frequency operation
Providing 40W of power in a 2.2 x 2.2 x 0.5 inch package, the highly specified NFC40
Series of DC/DC converters were designed with today’s demanding applications in
mind. Inherent design specifications of the NFC40 include tight line and load
regulation and high power density. Standard features provided by all members of the
NFC40 Series are remote on/off, synchronization function, short circuit protection,
overvoltage protection and an output voltage trim function. To maximize the board
area available to system designers, the NFC40 footprint has been minimised without
compromising on features or profile. A comprehensive package of heatsink and
operating temperature options are included to further increase the flexibility offered.
Artesyn Technologies has utilised its latest patented topology implemented in SMT
and hybrid technologies to achieve this performance level. Typical applications for the
NFC40 Series include telecommunications, remote exchanges, automation equipment,
back plane power architectures and distributed power.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 142
US Patent No. 4621311
OUTPUT SPECIFICATIONS
Voltage adjustability
All outputs (See Note 8)
±10%
Total error band
Single outputs
±2% typ., ±3% max.
(See Note 1)
Auxiliary outputs ±3% typ., ±5% max.
Ripple and noise
5Hz to 20MHz
100mV pk-pk, max.
All outputs
20mV rms
Transient response
0.25% FL to 0.5% FL ±2% max. dev.,
100µs recovery
Temperature coefficient Single outputs
±0.02%/°C max.
Auxiliary outputs
±0.03%/°C max.
Overvoltage protection
Single output
Clamp type
Triple output
See table
Short circuit protection
Continuous
automatic recovery
Minimum main output
Singles
0A
current
Triples, to maintain auxiliary
0.5A
output regulation
INPUT SPECIFICATIONS
Input voltage range
24V
18 to 36VDC
48V
36 to 72VDC
Input filter
(See Note 9)
External capacitor
Remote ON/OFF
Logic compatibility
CMOS and TTL
ON
>1.5V or open collector
OFF
<0.4V
Synchronization function
Operating frequency control
Frequency control range
±10%
Sync signal
Negative-going pulse,
maximum 25% of duty cycle
Logic compatibility
CMOS/TTL
GENERAL SPECIFICATIONS
Efficiency
See table
80%, min.
Isolation voltage
Input/output
500VAC, 710VDC, min.
Switching frequency
Fixed
300kHz ±5.0%
Approvals and
VDE0805, EN60950
standards
IEC950, UL1950
CSA C22.2 No. 950
Case material
Black coated metal with
Non-conductive base
Material flammability
UL94V-0
Weight
80g (2.8oz)
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
See curves
(See Note 11)
Operating Case
-25°C to +105°C
Non-operating
-55°C to +125°C
Extended temp.,
-40°C to +105°C
option, case (Note 10)
Heatsink option (Note 5)
See curves
Derating
See curves for
baseplate cooling details
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.


Similar Part No. - NFC40

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
Near Field Communication LSI
logo
Artesyn Technologies
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12D12 ARTESYN-NFC10-12D12 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12D15 ARTESYN-NFC10-12D15 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12S05 ARTESYN-NFC10-12S05 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
More results

Similar Description - NFC40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com