Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AMF
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMF Datasheet(HTML) 1 Page - Vishay Siliconix

  AMF Datasheet HTML 1Page - Vishay Siliconix AMF Datasheet HTML 2Page - Vishay Siliconix AMF Datasheet HTML 3Page - Vishay Siliconix AMF Datasheet HTML 4Page - Vishay Siliconix AMF Datasheet HTML 5Page - Vishay Siliconix AMF Datasheet HTML 6Page - Vishay Siliconix AMF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
AMW, AMF
Vishay Phoenix
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30249
1
Revision: 14-Feb-08
End-of-Life Vishay Phoenix Product
FEATURES
• High power dissipation in small volume
• Ideal for pulsing applications
• Completely welded construction
• Non-flammable
• High heat and moisture resistance
• Low inductance version available on request
Please reference the Vishay Dale closest equivalents: CP, CP High Volume (for CP datasheet please visit our website:
http://www.vishay.com/doc?30213 and for CP High Volume datasheet: http://www.vishay.com/doc?30113).
Note:
• There may be slight differences between the Vishay Phoenix and the Vishay Dale crosses
TECHNOLOGY
AMW: The resistor element is a resistive wire, which is wound on a ceramic rod.
AMF: The resistive element is a metal film resistor consisting of a metal layer deposited over a high grade ceramic rod.
For both AMW and AMF, tinned copper leads are connected to the caps by welding. The resistor body is housed in a rectangular
ceramic case with a special, inorganic potting which is non-flammable, will not melt even at high overloads and is resistant to
most commonly used cleaning solvents.
Notes:
(1) Special resistance values available upon request
(2) Other tolerances available upon request
Note:
(3) Temperature Coefficient of ± 30, 50 or 90 ppm/ºC available on AMW upon request
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
P40 °C
W
RESISTANCE RANGE (1)
Ω
TOLERANCE (2)
%
E-SERIES
Decade
Values
AMW03
3
0.1 - 2.0K
± 5
24
AMF03
100 - 39K
AMW05
5
0.1 - 4.7K
AMF05
100 - 51K
AMW07
7
0.1 - 6.2K
AMF07
100 - 51K
AMW10
10
0.1 - 10K
AMF10
1K - 100K
AMW15
15 at 25 °C
0.1 - 10K
AMW20
20 at 25 °C
0.1 - 15K
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
AMW
AMF03
AMF05
AMF07
AMF10
Limiting Voltage
V
750
1000
1200
1500
Insulation Voltage
V
> 2000
Temperature Coefficient (3)
ppm/°C
R < 10
Ω: 0 to 600;
R
≥ 10 Ω: - 100 to + 150;
± 250
Operating Temperature
°C
- 55 to + 275
Short Time Overload
-
5 x rated power for 5 s
P x R


Similar Part No. - AMF

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMF-S25V2-256GDSBC ADVANTECH-AMF-S25V2-256GDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V2-256GDSBC ADVANTECH-AMF-S25V2-256GDSBC Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-1TDSBC ADVANTECH-AMF-S25V4-1TDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-1TDSBC ADVANTECH-AMF-S25V4-1TDSBC Datasheet
759Kb / 5P
24" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
AMF-S25V4-512GDSBC ADVANTECH-AMF-S25V4-512GDSBC Datasheet
787Kb / 5P
21" Point-of-Care Terminal with 9th Generation Intel Processor
8-Feb-2023
More results

Similar Description - AMF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CP00101R000JE14 VISHAY-CP00101R000JE14 Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
17-Feb-11
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
CPCL VISHAY-CPCL_15 Datasheet
90Kb / 3P
Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
17-Feb-11
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com