Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF07 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AMF07
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMF07 Datasheet(HTML) 4 Page - Vishay Siliconix

  AMF07 Datasheet HTML 1Page - Vishay Siliconix AMF07 Datasheet HTML 2Page - Vishay Siliconix AMF07 Datasheet HTML 3Page - Vishay Siliconix AMF07 Datasheet HTML 4Page - Vishay Siliconix AMF07 Datasheet HTML 5Page - Vishay Siliconix AMF07 Datasheet HTML 6Page - Vishay Siliconix AMF07 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMW, AMF
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
Vishay Phoenix
Document Number: 30249
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 14-Feb-08
4
End-of-Life Vishay Phoenix Product
Examples of the Ohmic Value
The ohmic value in the NAFTA ordering code (see table
NAFTA ORDERING INFORMATION) is represented by the
“xxxxx“ in the middle of the above ordering code. The table
“Examples of the Ohmic Value” gives some examples on
how to use these 5 digits.
Example:
AMW03, 47
Ω, ± 5 %, flat case, box of 250 pieces is
230635113479
NAFTA ORDERING INFORMATION
PRODUCT
TOLERANCE
NAFTA
ORDERING CODE
VERSION
LEAD Ø
in millimeters
(inches)
PACKAGING
QUANTITY
(pieces)
AMW03
± 5 %
AMW03WxxxxxJ
FLAT
0.80
(0.031)
BOX
250
AMW03WxxxxxJSO
STAND-OFF
AMF03
AMF03WxxxxxJ
FLAT
AMF03WxxxxxJSO
STAND-OFF
AMW05
AMW05WxxxxxJ
FLAT
AMW05WxxxxxJSO
STAND-OFF
AMF05
AMF05WxxxxxJ
FLAT
AMF05WxxxxxJSO
STAND-OFF
AMW07
AMW07WxxxxxJ
FLAT
AMW07WxxxxxJSO
STAND-OFF
AMF07
AMF07WxxxxxJ
FLAT
AMF07WxxxxxJSO
STAND-OFF
AMW10
AMW10WxxxxxJ
FLAT
AMW10WxxxxxJSO
STAND-OFF
AMF10
AMF10WxxxxxJ
FLAT
AMF10WxxxxxJSO
STAND-OFF
AMW15
AMW15WxxxxxJ
FLAT
100
AMW15WxxxxxJSO
STAND-OFF
AMW20
AMW20WxxxxxJ
FLAT
AMW20WxxxxxJSO
STAND-OFF
Value
5 DIGITS
1
Ω
1R000
10
Ω
10R00
100
Ω
100R0
1 k
Ω
1K000
10 k
Ω
10K00
100 k
Ω
100K0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com