Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS200 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFS200
Description  Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS200 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFS200 Datasheet HTML 1Page - Artesyn Technologies NFS200 Datasheet HTML 2Page - Artesyn Technologies NFS200 Datasheet HTML 3Page - Artesyn Technologies NFS200 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Patent No. 4912620
NFS200 SERIES
Triple and quad output
[ 2 YEAR WARRANTY ]
• 5.0 x 9.0 x 2.5 inch package
• Overvoltage and short circuit protection
• 200W with 30CFM
• Adjustable outputs
• Isolated outputs
• Power fail detect signals
• EN55022, EN55011 conducted emissions level A
• UL, VDE, CSA and BABT safety approvals
The NFS200 series is a 200W universal input AC/DC power supply in a 5 x 9 x
2.5 inch package. The NFS200 series has four multiple output models and has
proven itself to be highly reliable and versatile product for a wide range of
communication and industrial applications, with a very high peak capability on
the auxiliary outputs for drive and motor applications. The NFS200 provides
200W of output power with 30CFM of air. Standard features include overvoltage
and short circuit protection, adjustable outputs, isolated outputs and power fail
detect. The series, with full international safety approval and the CE mark,
meets conducted emissions EN55022 level A. The NFS200 series is designed
for use in medium power data networking, computer, telecom and industrial
applications such as servers, PABX's, printers and process automation.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Voltage adjustability
+5V output
±5.0%
Line regulation
LL to HL, FL
±0.1% max.
Main output
Load regulation
Main output
±2.0% max.
Auxiliary outputs
±2.5% max.
Overshoot/undershoot
At turn-on
0%
Transient response
+5V
±200mV max. dev.
(20A to 30A step)
500µs recovery
to 1.0%
Temperature coefficient All outputs
±0.02%/°C
Overvoltage protection
+5V output
6.25V±0.5V
Short circuit protection
Yes, with auto-recovery
Fan output current
J1: pins 3 and 4
12.1V @ 0.75A max.
(See Note 8)
INPUT SPECIFICATIONS
Input voltage range
Universal input
90VAC to 264VAC
130VDC to 370VDC
Input frequency range
47Hz to 63Hz
Input surge current
110VAC, 60Hz
40A max.
230VAC, 50Hz
80A max.
Safety ground
110VAC, 60Hz
0.9mA max.
leakage current
230VAC, 50Hz
1.6mA max.
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Hold-up time
110VAC
15ms
After PFD flag @ 200W
5ms
Efficiency
110/230VAC @ 200W
70% typ.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Variable
80 to 100kHz
Standards and
VDE0805, EN60950, IEC950
approvals
IEC1010, UL1950, BABT
(See Note 9)
CSA C22.2 No. 950
Weight
1.34kg (47.30oz)
MTBF (See Note 1)
MIL-HDBK-217E
84,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating
0°C to +70°C
(See Notes 3, 10)
Non-operating
-40°C to +85°C
0°C to 50°C ambient,
200W
30CFM forced air
50°C to 70°C ambient,
Derate linearly
30CFM forced air
to 100W at 70°C
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
Three orthogonal
2.4G rms
axes, random vibration,
5 to 500Hz
10 minute test for
each axis


Similar Part No. - NFS200

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NFS25-7608 ARTESYN-NFS25-7608 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NFS25-7628 ARTESYN-NFS25-7628 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NFS25-7629 ARTESYN-NFS25-7629 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NFS200

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NAN40 ARTESYN-NAN40 Datasheet
68Kb / 2P
Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
NAN55 ARTESYN-NAN55 Datasheet
93Kb / 2P
Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
NFS42 ARTESYN-NFS42 Datasheet
54Kb / 2P
Triple output 40 to 50 Watt AC/DC universal input switch mode power supplies
NFS50 ARTESYN-NFS50 Datasheet
84Kb / 2P
Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
NFS50-7608 ARTESYN-NFS50-7608 Datasheet
59Kb / 2P
Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
60W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com