Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2M Datasheet(PDF) 7 Page - IDEC Corporation

Part # AP2M
Description  Super Bright LEDs with built-in current-limiting resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AP2M Datasheet(HTML) 7 Page - IDEC Corporation

  AP2M Datasheet HTML 1Page - IDEC Corporation AP2M Datasheet HTML 2Page - IDEC Corporation AP2M Datasheet HTML 3Page - IDEC Corporation AP2M Datasheet HTML 4Page - IDEC Corporation AP2M Datasheet HTML 5Page - IDEC Corporation AP2M Datasheet HTML 6Page - IDEC Corporation AP2M Datasheet HTML 7Page - IDEC Corporation AP2M Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
77
AP Series Miniature Pilot Lights
•Turn off power to the AP series pilot lights before installation, re-
moval, wiring, maintenance, and inspection. Failure to turn power
off may cause electrical shocks or fire hazard.
•For wiring, use wires of proper size to meet the voltage and cur-
rent requirements. Improper wiring may cause overheating and
create a fire hazard. Tighten the M3 terminal screws to a torque
of 0.6 to 1.0 N·m. Failure to tighten terminal screws may cause
overheating and fire.
Panel Mounting
When mounting the AP series pilot lights on a panel, use the
optional locking ring wrench. Do not use pliers. Excessive
tightening will damage the locking ring.
Unit
Tightening Torque
AP6M
0.88 N·m
AP2M
0.78 N·m
AP1M
0.29 N·m
AP8M
0.29 N·m
Installing the AC Adapter, DC-DC Converter, and Flasher
Unit
1. Make sure that the voltage rating and terminal style of the AP
series pilot lights are applicable to the AC adapter, DC-DC
Converter, and flasher units.
2. Install the pilot light into a panel cut-out before mounting an
AC adapter, DC-DC Converter, or flasher unit. Note that the
pilot light cannot be installed in a panel cut-out with an AC
adapter, DC-DC Converter, or flasher unit mounted.
3. When installing an AC adapter, DC-DC Converter, or flasher
unit, make sure that the TOP marking is on the same side as
the TOP making of the pilot light. AC adapter, DC-DC Convert-
er, and flasher unit are snapped on to the back of the pilot light.
4. To remove the AC adapter, DC-DC Converter, or flasher unit,
insert the tip of the removal tool into the joint hook and pull
towards you as shown in the photo below.
5. When using an AC adapter, DC-DC Converter, or flasher unit
where the units are subjected to noise, connect a noise su-
pressor across terminals X1 and X2 as shown in the diagram
below.
Wiring
1. Note the positive and negative polarities when wiring DC types.
2. All DC type AP series pilot lights contain a current limiting
resistor, eliminating the need for external resistors.
3. Solder the terminal at 350°C within 3 seconds using a 60W
soldering iron. SnAgCu type lead-free solder is recommended.
When soldering, do not touch the pilot light housing with the
soldering iron. Also ensure that no tensile force is applied to
the terminal. Do not bend the terminal or apply excessive force
to the terminal.
Use a non-corrosive rosin flux.
DC-DC Converter
DC-DC converters employ an electronic oscillating circuit.
Oscillating sounds may be heard depending on operating
conditions, but will not affect performance characteristics.
Marking
AP6M, AP2M, and AP1M round flat lenses contain a white
marking plate inside the lens. (AP8M lens cannot be removed.)
Flasher Unit
Pierce the round mark on the nameplate on top of the flasher unit
with a flat screwdriver and adjust the variable resistor inside.Turn
clockwise to lengthen the flashing period.
TOP
TOP
TOP
TOP
X2 Negative Terminal
X2 Negative Terminal
Positive Terminal
Positive Terminal
Negative Terminal
Negative Terminal
X1 Positive Terminal
X1 Positive Terminal
Nameplate
Nameplate
AP2 Series
AP6 Series
Note: Do not apply excessive force to
terminals X1 and X2 during wiring.
X1
X2
Noise Suppressor
TOP
TOP
X2 Negative Terminal
X1 Positive Terminal
Positive Terminal
Negative Terminal
Nameplate
Note: Do not apply excessive force to
terminals X1 and X2 during wiring.
Safety Precautions
Instructions
EP5041A AP December 2022



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com