Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP250 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP250
Description  250 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP250 Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP250 Datasheet HTML 1Page - Artesyn Technologies NLP250 Datasheet HTML 2Page - Artesyn Technologies NLP250 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP250 Series
Single output
AC/DC POWER SUPPLIES
250 W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: nlp250.pdf Rev: 29 May 2006
DERATING CURVE Output Power (Watts)
0
°C 10 °C 20 °C 30 °C 40 °C 50 °C 60 °C 70 °C
0 W
175 W
250 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
87 W
125 W
75 W
24/48 V Free Air
12 V Free Air
All Models
Forced Air
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
MODEL
VOLTAGE
MIN
MAX (free air) (1,4)
MAX (forced air) (2,4)
REGULATION
NUMBERS (9,10)
12 V
0 A
14.6 A
21 A
120 mV
±2.0%
NLP250R-96S12J
24 V
0 A
7.3 A
10.5 A
240 mV
±2.0%
NLP250R-96S24J
48 V
0 A
3.65 A
5.25 A
480 mV
±2.0%
NLP250R-96S48J
Figure 1: Derating Curve
4.700 (119.38)
5.500 (139.70)
M3.0
4 PLACES
BOTTOM VIEW
5.850 (148.59)
6.250 (158.75)
0.25 (6.35)
6-32
4 PLACES
CUSTOMER MOUNTING HOLES
MAX. SCREW PENETRATION 0.08IN
M3.0
6-32
1
J2
VR7
7.000 [177.80]
N
L
G
J1
J4
1
J3
1
JP1
1.500 [38.10]
1.140
(28.96)
Figure 2: Mechanical Drawing
NEW Product
N
No
otte
es
s
1
Free air convection. Maximum continuous output power not to exceed
175 W. Refer to Figure 1 for the derating curve.
2
200 LFM forced air cooling from the longer side. Maximum continuous
output power not to exceed 250 W.
3
Figure is peak-to-peak for room temperature rating. Output noise
measurements are made across a 20 MHz bandwidth using a 6 inch
twisted pair, terminated with a 10 µF tantalum capacitor and a 0.1 µF
ceramic capacitor.
4
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements. For optimum reliability no part of the
heatsink should exceed 115 °C and no semi-conductor case temperature
should exceed 120 °C.
5
No external filtering required during conducted emissions testing but some
applications may require additional filtering to achieve system compliance.
Compliance with radiated EMI specifications may require mounting in a
suitable enclosure.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
7
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
8
5 V sb (standby) output is available whenever AC is present, regardless of
remote ON/OFF signal status. 12 V (fan) present when main output is
present.
9
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com