Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8015 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM8015
Description  3kW Power Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM8015 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM8015 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM8015 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HM8015E/0205/ce · Subject to alterations · © HAMEG GmbH · ® Registered Trademark · DQS-certified in accordance with DIN EN ISO 9001:2000, Reg.-No.: DE-071040 QM
HAMEG GmbH · Industriestr. 6 · D-63533 Mainhausen · Tel +49 (0) 6182 800 0 · Fax +49 (0) 6182 800 100 · www.hameg.com · info@hameg.com
www .hameg.c om
3 kW Power Meter HM8015
Technical description
Measurement functions
Voltage, current, active, reactive and apparent power and power factor
Range selection:
automatic
Voltage (TRMS AC + DC)
Ranges:
50 V
150 V
300 V
Resolution:
0.1V
1V
1V
Accuracy:
± (0.6 % + 5 digits) DC to 1 kHz
Input impedance:
1 MΩ || 100 pF
Crest factor:
max. 3.5 at full scale
Current (TRMS AC + DC)
Ranges:
0.16 A
1.6 A
10 A
Resolution:
1 mA
1 mA
10 mA
Accuracy:
± (0.6 % + 5 digits) DC to 1 kHz
Input impedance:
1 MΩ || 100 pF
Crest factor:
max. 4 at full scale
Input protection:
2x Fuse FF 15 A, 6.3 x 32 mm
Active power measurement
Ranges:
8 W
24 W
48 W
80 W 240 W 480 W 500 W 1500 W 3000 W
Resolution:1mW 10mW 10mW 10mW 0.1 W 0.1 W 0.1 W
1 W
1 W
Accuracy:
± (0.7 % + 5 digits) DC to 1 kHz
Reactive power measurement
Ranges:
8 var
24 var
48 var
80 var
240 var
Resolution:
10 mvar
100 mvar
100 mvar
100 mvar
1 var
Ranges:
480 var
500 var
1500 var
3000 var
Resolution:
1 var
1 var
10 var
10 var
Accuracy:
± (2.5 % + 10 digits + 0.02 x Q) 20 Hz to 400 Hz
Q = reactive power
Accessories supplied: Operator’s Manual
Optional accessories: HZ815 Power Adapter
Apparent power measurement
Ranges:
8VA
24VA
48VA
80VA
240 VA
Resolution:
1 mVA
10 mVA
10 mVA
10 mVA
100 mVA
Ranges:
480 VA
500 VA
1500 VA
3000 VA
Resolution:
100mVA
100mVA
1VA
1 VA
Accuracy:
± (0.9 % + 5 digits) 20 Hz – 1 kHz
Power factor measurement
Display:
0.00 to 1.00
Accuracy:
± (2 % + 3 digits) 50 to 60 Hz
(current and voltage at least 1/10 of full scale)
Miscellaneous
Power consumption:
approx. 10 W
Operating temperature:
+ 10° C … + 40° C
Max. relative humidity:
80 %
Dimensions (WxHxD) (without 22-pole flat plug) : 135 x 68 x 228 mm
Weight:
approx. 0.5 kg
Values indicated without tolerances are intended as aids to orientation and
reflect the characteristics of an average device.
Reference temperature 23° C ± 2° C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com