Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM672 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM672
Description  Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM672 Datasheet(HTML) 2 Page - Artesyn Technologies

  PM672 Datasheet HTML 1Page - Artesyn Technologies PM672 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* PM671P.
0.08 (2.0)
0.02 DIA.
(0.5)
1.25
(31.8)
0.10
(2.54)
0.15
(3.8)
0.40
(10.2)
0.80
(20.3)
0.60
(15.2)
CASE F
24
23
22
1
2
3
15
14
13
9
10
11
12
(OPT.)
ALL DIMENSIONS IN INCHES (mm)
Notes
1
Maximum figure, at full load.
2Measured from high line to low line.
3Measured as load changes from no load to 100% full load.
4
The PM671 is available with optional voltage balance pin, and is
designated by suffix letter ‘P’. For connection information, see case
drawing. In addition, both the PM671 and PM672 are available with
alternate pin-out (including balance pin) designated by suffix letter ‘R’. See
case drawing. If not required, the balance pin can be left floating.
5Measured with a 15µF tantalum capacitor across each output.
6
On dual output models the four common pins are internally connected.
The outputs can be returned through one pin while the others remain
floating.
7
Standard specifications are conservative and can be optimized for specific
applications. In particular, converter start-up at lower than specified
temperature, wider input voltage range and output voltage adjustment are
all relatively simple modifications to the standard product. Consult factory
for details.
8
Fixed frequency design provides for easier input filtering and better noise
performance.
9
Units are tested with resistive load only.
10 Output current derates to 0 at 110% nominal Vin.
11 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
24
23
22
1
2
3
15
14
13
9
10
11
12
(Opt.)
R
1
or
R
2
Balance Pin
Connection:
Connect R1 as required to
balance outputs when
I + VoutI > I - VoutI
Connect R2 as required to
balance outputs when
I - VoutI > I + VoutI
Input to balance pin: ±5mA,
max. R1 or R2: 3K Ohm, min.
PIN CONNECTIONS
SINGLE
DUAL
ALTERNATE PIN-OUT
PIN
OUTPUT
OUTPUT
SUFFIX R (4)
NUMBER
MODELS
MODELS (6)
1
+V Input
+V Input
+V Input
2
Do not connect
–V Output
+V Input
3
Do not connect
Common
+V Input
9
No Pin
Balance (opt)*
No Pin
10
–V Output
Common
Common
11
+V Output
+V Output
Common
12
–V Input
–V Input
Do not connect
13
–V Input
–V Input
–V Output
14
+V Output
+V Output
Balance
15
–V Output
Common
+V Output
22
Do not connect
Common
–V Input
23
Do not connect
–V Output
–V Input
24
+V Input
+V Input
–V Input
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT
CURRENT (1)
EFFICIENCY
LINE (2)
LOAD (3)
NUMBER
5VDC
5VDC
100mA
260mA
50%
±0.3%
±0.4%
PM621
5VDC
12VDC
80mA
380mA
50%
±0.3%
±0.4%
PM623
5VDC
15VDC
65mA
380mA
50%
±0.3%
±0.4%
PM624
5VDC
±12VDC
±40mA
380mA
50%
±0.3%
±0.4%
PM671 (4,6)
5VDC
±15VDC
±33mA
380mA
50%
±0.3%
±0.4%
PM672 (4,6)
12VDC
5VDC
100mA
100mA
50%
±0.3%
±0.4%
PM631
12VDC
±12VDC
±40mA
145mA
50%
±0.3%
±0.4%
PM681 (6)
12VDC
±15VDC
±33mA
145mA
50%
±0.3%
±0.4%
PM682 (6)
0.5 to 1 Watt
Nominal input DC/DC converters
SPECIAL APPLICATION MODELS
|
0.5-1W DC/DC
PAGE 2
http://www.artesyn.com
Datsheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com