Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM721 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM721
Description  Single and dual output 3 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM721 Datasheet(HTML) 2 Page - Artesyn Technologies

  PM721 Datasheet HTML 1Page - Artesyn Technologies PM721 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
REFLECTED
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
RIPPLE CURRENT (1)
LINE
LOAD
NUMBER
5VDC
5VDC
600mA
125mA
935mA
32mA pk-pk
±0.02%
±0.04%
PM701
5VDC
±15VDC
±100mA
135mA
955mA
33mA pk-pk
±0.02%
±0.02%
PM752
12VDC
5VDC
600mA
50mA
364mA
24mA pk-pk
±0.02%
±0.04%
PM711
12VDC
±15VDC
±100mA
55mA
376mA
24mA pk-pk
±0.02%
±0.02%
PM762
24VDC
5VDC
600mA
25mA
163mA
22mA pk-pk
±0.02%
±0.04%
PM721
24VDC
±12VDC
±125mA
25mA
170mA
23mA pk-pk
±0.02%
±0.02%
PM771
24VDC
±15VDC
±100mA
30mA
168mA
22mA pk-pk
±0.02%
±0.02%
PM772
ALL DIMENSIONS IN INCHES (mm)
* NO PIN ON SINGLE MODELS
Standard Pin Configuration
+ OUT
COM
- OUT
BOTTOM VIEW
- IN
+ IN
0.04
(1.0)
DIA
0.40
(10.2)
0.40
(10.2)
0.60
(15.2)
0.22
(5.6)
MIN.
0.40
(10.2)
MAX
0.60
(15.2)
2.00
(50.8)
0.80
(20.3)
NO
PIN*
0.90
(22.9)
2.00
(50.8)
0.20
(5.1)
Notes
1
Figures are peak to peak.
2
Standard specifications are conservative and can be optimised for specific
applications. In particular, converter start-up at lower than specified
temperature, wider input voltage range and output voltage adjustment are
all relatively simple modifications to the standard product. Consult factory
for details.
3
Fixed frequency design provides for easier input filtering and better noise
performance.
INPUT
VOLTAGE
60% FL
80% FL
100%FL
5V
4.4 to 6.5V
4.5 to 6.0V
4.65 to 5.5V
12V
10.56 to 15.6V
10.8 to 14.4V
11.16 to 13.2V
24V
21.12 to 31.2V
21.6 to 28.8V
22.32 to 26.4V
3 Watt
Nominal input DC/DC converters
DC/DC CONVERTERS
|
3W DC
PAGE 2
http://www.artesyn.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com