Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM862 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PM862
Description  Single and dual output 10 to 12 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM862 Datasheet(HTML) 1 Page - Artesyn Technologies

  PM862 Datasheet HTML 1Page - Artesyn Technologies PM862 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM800 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• Linear topology for low noise applications
• Tight line and load regulation
• Short circuit protection
• Pi input filter
• Six sided continuous shield
• No derating
The PM800 Series is a comprehensive line of four single output and five dual
output DC/DC converters with output power from 10 to 12 Watts. These high
performance modules offer excellent regulation with low ripple and noise, and
are especially useful in applications where higher output power levels are
needed in a compact module. A Pi input filter in all models minimizes reflected
ripple current while also providing for input spike attenuation. Six sided
continuous shielding, also standard, gives EMI/RFI suppression. All models
feature output current limiting, short circuit protection and input/output isolation
to 500VDC. Other specifications include: line regulation of ±0.02%; load
regulation of ±0.05% for single output models and ±0.02% for dual output
models; and an output voltage accuracy of ±3.0%.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
GENERAL SPECIFICATIONS
Efficiency
65% typical
Isolation voltage
500VDC, min.
Switching frequency
20kHz, min.
Case material
UL94V-0
Non-conductive
black plastic
Shielding connection
Single output
To negative output
Dual output
To output common
Weight
227g (8oz)
MTBF
Single output
330,000 hours
Dual output
233,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
–25°C to +71°C
Case
+90°C, max.
Non-operating amb. –40°C to +125°C
Derating
None required
Cooling
Free-air convection cooled
Relative humidity
Non-condensing
20% to 95% RH
OUTPUT SPECIFICATIONS
Voltage accuracy
±3.0%
Line regulation
Line ±8.0%
±0.02%
Load regulation
NL to FL, single outputs
±0.05%
NL to NL, dual outputs
±0.02%
Cross regulation
Balance - duals (max.)
±0.5%
Ripple and noise
Single output
0.7mV rms typical,
20MHz BW
50mV pk-pk max.
Dual output
0.7mV rms typical,
35 mV pk-pk, max.
Transient response
Singles, NL to FL
300mV typ., 0.1µs
Duals, FL to NL
400mV typ., 0.1µs
Singles, NL to FL
50mV typ., 0.1µs
Duals, FL to NL
50mV typ., 0.1µs
Temperature coefficient Single output
±0.02%/°C, max.
Dual output
±0.01%/°C, max.
Short circuit protection
Auto-restart,
130°C thermal
max. 8 hours
protection
INPUT SPECIFICATIONS
Input voltage range
See table on facing page
Input filter
See Note 3
Pi network


Similar Part No. - PM862

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8620 PMC-PM8620 Datasheet
52Kb / 4P
20G Narrowband Switch Element
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
NSE-20G??Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
39Kb / 2P
20G Narrowband Switch Element
PM8620-1 PMC-PM8620-1 Datasheet
39Kb / 2P
20G Narrowband Switch Element
PM8620-BIAP PMC-PM8620-BIAP Datasheet
1Mb / 190P
NSE-20G??Standard Product Data Sheet Preliminary
More results

Similar Description - PM862

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP501 ETC1-TP501 Datasheet
211Kb / 2P
10 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
EM600 ARTESYN-EM600 Datasheet
39Kb / 2P
Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
PM600 ARTESYN-PM600 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
Single and dual output 3 Watt Nominal input DC/DC converters
PM900 ARTESYN-PM900 Datasheet
43Kb / 2P
Single and dual output 5 to 6 Watt Nominal input DC/DC converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com