Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM871 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM871
Description  Single and dual output 10 to 12 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM871 Datasheet(HTML) 2 Page - Artesyn Technologies

  PM871 Datasheet HTML 1Page - Artesyn Technologies PM871 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
VOLTAGE
60% FL
80% FL
100% FL
5V
4.4 to 6.5V
4.5 to 6.0V
4.65 to 5.5V
12V
10.56 to 15.6V
10.8 to 14.4V
11.16 to 13.2V
24V
21.12 to 31.2V
21.6 to 28.8V
22.32 to 26.4V
48V
42.24 to 62.4V
43.2 to 57.6V
44.64 to 52.8V
0.040(1.0)
DIA. PINS
0.88
(22.4)
0.22 (MIN.)
(5.6)
2.20
(55.9)
– OUT
+ OUT
– IN
+ IN
2.50
(63.5)
NC
0.50
(12.7)
0.50 (12.7)
0.60
(15.2)
1.60
(40.6)
3.50
(88.9)
1.60
(40.6)
INSERTS
4-40 THREAD
0.125 (3.2) DEEP
0.15
(3.8)
0.60
(15.2)
2.20
(55.9)
– OUT
+ OUT
– IN
+ IN
2.50
(63.5)
COM
0.50
(12.7)
0.50 (12.7)
0.60
(15.2)
1.60
(40.6)
3.50
(88.9)
1.60
(40.6)
INSERTS
4-40 THREAD
0.125 (3.2) DEEP
0.15
(3.8)
0.60
(15.2)
ALL DIMENSIONS IN INCHES (mm)
SINGLE OUTPUT MODELS
DUAL OUTPUT MODELS
CASE B1
REFLECTED
RIPPLE
CURRENT (1)
Notes
1
Figures are peak-to-peak, max.
2
Load regulation measured from no load to full load.
3
Fixed frequency design provides for easier input filtering and better noise
performance.
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
LINE
LOAD (2)
NUMBER
5VDC
5VDC
2000mA
250mA
3080mA
108mA
±0.02%
±0.05%
PM801
5VDC
12VDC
940mA
278mA
3470mA
122mA
±0.02%
±0.05%
PM803
12VDC
±12VDC
±525mA
115mA
1620mA
55mA
±0.02%
±0.02%
PM861
12VDC
±15VDC
±412mA
110mA
1590mA
54mA
±0.02%
±0.02%
PM862
24VDC
5VDC
2000mA
50mA
640mA
32mA
±0.02%
±0.05%
PM821
24VDC
±12VDC
±525mA
55mA
780mA
39mA
±0.02%
±0.02%
PM871
24VDC
±15VDC
±412mA
55mA
770mA
38mA
±0.02%
±0.02%
PM872
48VDC
5VDC
2000mA
26mA
320mA
32mA
±0.02%
±0.05%
PM841
48VDC
±12VDC
±525mA
27mA
390mA
39mA
±0.02%
±0.02%
PM891
10 to 12 Watt
Nominal input DC/DC converters
SPECIAL APPLICATION MODELS
|
10-12W DC/DC
PAGE 2
http://www.artesyn.com
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com