Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD3200LPCX Datasheet(PDF) 3 Page - Western Digital Corporation or its affiliates.

Part # WD3200LPCX
Description  WD Blue™ PC Hard Drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD3200LPCX Datasheet(HTML) 3 Page - Western Digital Corporation or its affiliates.

  WD3200LPCX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD3200LPCX Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD3200LPCX Datasheet HTML 3Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WD Blue™
-3-
Specifications
750GB
500GB
500GB
320GB
250GB
Model number1
WD7500BPVX
WD5000BPVX
WD5000LPVX
WD5000LPCX
WD3200LPVX
WD3200LPCX
WD2500LPVX
WD2500LPCX
Interface2
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
SATA 6 Gb/s
Formatted capacity2
750,156MB
500,107MB
500,107MB
320,072MB
250,059MB
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
Form factor
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
RoHS compliant3
Yes
Yes
Yes
Yes
Yes
Performance
Data transfer rates
Interface speed
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
6 Gb/s
Cache (MB)
8
8
8 (LPVX)
16 (LPCX)
8 (LPVX)
16 (LPCX)
8 (LPVX)
16 (LPCX)
Average latency (ms)
5.5
5.5
5.5
5.5
5.5
Rotational speed (RPM)
5400
5400
5400
5400
5400
Average drive ready time (sec)
3.0
3.0
2.8
2.8
2.8
Reliability/Data Integrity
Load/unload cycles4
600,000
600,000
600,000
600,000
600,000
Non-recoverable read errors per bits read <1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
Limited warranty (years)5
2
2
2
2
2
Power Management
5VDC ±10% (A, peak)
1.00
1.00
1.00
1.00
1.00
Average power requirements (W)
Read/Write
Idle
Standby/Sleep
1.6
0.65
0.20
1.4
0.59
0.18
1.4
0.55
0.13 (LPVX)
0.16 (LPCX)
1.4
0.55
0.13 (LPVX)
0.16 (LPCX)
1.4
0.55
0.13 (LPVX)
0.16 (LPCX)
Environmental Specifications6
Temperature (°C)
Operating
Non-operating
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
Acoustics (dBA)7
Idle
Seek (average)
24
25
24
25
17
22
17
22
17
22
Physical Dimensions
Height (in./mm)
0.374/9.50
0.374/9.50
0.28/7.0
0.28/7.0
0.28/7.0
Length (in./mm)
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
Width (in./mm)
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
Weight (lb/kg, ± 10%)
0.34/0.15
0.25/0.12
0.20/0.09
0.20/0.09
0.20/0.09
1 Not all products may be available in all regions of the world.
2 As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As used for buffer or cache, one megabyte (MB) = 1,048,576 bytes. As used for transfer
rate or interface, megabyte per second (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second. Effective maximum SATA 6 Gb/s transfer rate calculated according to the Serial ATA specification published by the SATA-IO organization as of the date of this specification
sheet. Visit www.sata-io.org for details.
3 WD hard drive products manufactured and sold worldwide after June 8, 2011, meet or exceed Restriction of Hazardous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
4 Controlled unload at ambient condition.
5 See http://support.wd.com/warranty for regionally specific warranty details..
6 No non-recoverable errors during operating tests or after non-operating tests.
7 Sound power level.
CAN ICES - 3(B)/NMB - 3(B)
Western Digital
3355 Michelson Drive, Suite 100
Irvine, California 92612
U.S.A.
For service and literature:
http://support.wd.com
www.wd.com
800.ASK.4WDC
(800.275.4932)
North America
800.832.4778
Spanish
+800.6008.6008
Asia Pacific
00800.27549338
Europe
(toll free where available)
+31.880062100
Europe/Middle East/Africa
Western Digital, WD, the WD logo, FIT Lab, NoTouch and WD Blue are registered
trademarks or trademarks of Western Digital Corporation or its affiliates in the
U.S. and/or other countries. All other marks are the property of their respective
owners. Product specifications subject to change without notice. Pictures shown
may vary from actual products.
© 2017 Western Digital Corporation or its affiliates. All rights reserved.
2879-771437-A09 May 2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com