Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80-VMP6P Datasheet(PDF) 60 Page - STMicroelectronics

Part # M25PE80-VMP6P
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6P Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M25PE80-VMP6P Datasheet HTML 53Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 54Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 55Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 56Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 57Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 58Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 59Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 60Page - STMicroelectronics M25PE80-VMP6P Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
Revision history
M25PE80
60/61
30-Nov-2006
5
Important note on page 6 added.
VFQFPN8 and SO8W packages updated and SO8N (MN) package
added (see Section 12: Package mechanical).
Figure 4: Bus master and memory devices on the SPI bus updated and
explanatory paragraph added.
Reset signal behavior specified in Section 6.8: Read Lock Register
(RDLR), Section 6.10: Page Program (PP), Section 6.12: Page Erase
(PE) and Section 6.14: Sector Erase (SE) and Section 6.15: Bulk Erase
(BE). Section 8: Reset added, Table 23: Reset conditions modified and
Table 24: Timings after a Reset Low pulse added.
Table 3: Not for new design: TY7 process only, Software protection
scheme truth table (Sectors 0 and 15) applies to T7Y process only.
Software protection scheme figure removed. B3 and b2 apply to T7Y
process only in Table 8: Status Register format, Table 10: Lock Registers
added, Table 11 applies to T7Y process only. Table 12: Lock Register In
added, Table 13 applies to T7Y process only.
Protection always prevails: applies to T7Y process only.
TLEAD added and VIO max changed in Table 16: Absolute maximum
ratings
M25PE80 products processed in T9HX process added to datasheet:
–WP pin replaces TSL (T7Y technology), see Section 2.6: Write Protect
(W) or Top Sector Lock (TSL)
– Write Status Register (WRSR) and SubSector Erase (SSE) instructions
added for T9HX process
– subsector protection granularity removed in T9HX process, still exists in
T7Y process
– Table 5: Memory organization updated to show subsectors
– Status Register BP2, BP1, BP0 bits and SRWD bit added.
15-Jan-2007
7
SPM2 description and
Table 4: Protected area sizes added in
Section 4.8: Protection modes.
VFQFPN8 package specifications updated (see Table 25 and Figure 30).
small text changes.
Table 29.
Document revision history
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com