Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACU6205B Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # ACU6205B
Description  The LTP1245 is a thermal line printer that offers high-speed, high-resolution printing in a compact, lightweight mechanism ideal for today’s 5V portable applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

ACU6205B Datasheet(HTML) 2 Page - Seiko Instruments Inc

  ACU6205B Datasheet HTML 1Page - Seiko Instruments Inc ACU6205B Datasheet HTML 2Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
LTP1245 / 01.03
CUTTER, INTERFACE BOARD & CPU
ACU6205A/B AUTO CUTTER
The ACU6205 is a compact and lightweight
circular cut type automatic cutter devel-
oped for the LTP1245 thermal line printer
mechanism.
• Full cut and patial cut are available
• Easily mounts on printer mechanism,
opens for easy maintenance
IF1001-01B INTERFACE BOARD
FOR LTP1245 SERIES
The IF1001-01B is an interface board used
specifically for the LTP1245 Series. It is
equipped with 8-bit parallel and serial TTL
data input terminals. The IF1001-01B brings
its printing functions into full play using a
wide variety of characters and function com-
mands.
PT100P01/PT101P01 AND PT120P01 CPU
FOR LTP1245 SERIES
• Prints with less current using dynamic divi-
sion control in accordance with the number
of dots to be activated
• Supports both parallel and serial input
• Ensures high-quality print by measuring the
temperature and voltage, and adjusting the
print density
• Provides a wide variety of user-defined char-
acter functions including
double-width/double-height, inverse print,
underlining, and character spacing
control; character string
• Supports bit image graphics and characters
• Provides a ruler line function which enables
ruler lines and characters to be easily
superimposed
• Stamp function
• Auto paper loading function
ACU6205
Seiko Instruments GmbH
Siemensstraße 9
D-63263 Neu-Isenburg
Telephone: 49-6102-297-0
Facsimile: 49-6102-297222
Model
IF1001-01B
Applicable mechanism
All LTP1245 Series
CPU
PT100P01/PT500GA1
Input control method
8-bit parallel (modified Centronics)
Serial (TTL level)
Character type
222-IBM compatible
126-Japanese kana
Dimensions (WxDxH) mm
70.0 x 100.0 x 12.0
Weight (g)
40
Operating voltage (Vcc)
-5 VDC ± 0.5
Current consumption (lcc)
Max. 20 mA @ 5 VDC (standby)
Max. 200 mA @ 5 VDC (printing)
Operating temperature (°C)
-5 to 50
Storage temperature (°C)
-20 to 60
Model
PT100P01 / PT101P01
Applicable mechanism
All LTP1245 Series
Package form
80-pin flat package
Dimensions (WxDxH) mm
22.8 x 16.8 x 3.05
Configuration
C-MOS LSI
Input method
8-bit parallel (Centronics), Asynchronous serial
Operating voltage (Vcc)
5 VDC ± 0.5
Operating frequency (MHz)
16 ± 0.5%
Remarks
Use these CPUs and a gate array (PT500GA1) as a pair
PT101P01 for use with auto cutter
PT120P01 for use w/o gate array
Model
ACU6205A/B
Cut Method
Circular cutter type
Cut width (mm)
58 mm
Cut condition
full cut / partial cut
Drive voltage
Motor
4.2V to 6.0V
(VDC)
Detector
5V ± 10%
Starting current (A)
1.2A max.
Operating time (ms/cycle)
0.6 sec. (max.) at 6.0 V
Cut frequency (cuts/minute)
30 max.
Life (cuts)
300,000 (M.C.B.F.)
Dimensions (WxDxH) mm
81.9 x 54 x 12
Weight (g)
50
Operating temperature (°C)
0 to 50
Storage temperature (°C)
-20 to 60
Paper thickness (µm)
75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com