Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM991 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PM991
Description  Single and dual output 5 to 6 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM991 Datasheet(HTML) 2 Page - Artesyn Technologies

  PM991 Datasheet HTML 1Page - Artesyn Technologies PM991 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
REFLECTED
REGULATION
ALT.
MODEL
VOLTAGE VOLTAGE CURRENT
NO LOAD FULL LOAD
RIPPLE CURRENT (1)
LINE
LOAD
PIN-OUT (2)
NUMBER
5VDC
5VDC
1000mA
125mA
1.54A
54mA
±0.02%
±0.04%
A, B
PM901
5VDC
12VDC
470mA
140mA
1.73A
61mA
±0.02%
±0.04%
PM903
5VDC
15VDC
400mA
150mA
1.84A
64mA
±0.02%
±0.04%
PM904
5VDC
±12VDC
±230mA
130mA
1.65A
58mA
±0.02%
±0.05%
A
PM951
5VDC
±15VDC
±190mA
135mA
1.7A
60mA
±0.02%
±0.05%
B
PM952
12VDC
5VDC
1000mA
50mA
0.64A
22mA
±0.02%
±0.04%
PM911
12VDC
12VDC
470mA
60mA
0.72A
26mA
±0.02%
±0.04%
PM913
12VDC
±12VDC
±230mA
55mA
0.69A
24mA
±0.02%
±0.05%
PM961
12VDC
±15VDC
±190mA
55mA
0.71A
25mA
±0.02%
±0.05%
B
PM962
24VDC
5VDC
1000mA
25mA
0.32A
22mA
±0.02%
±0.04%
PM921
24VDC
12VDC
470mA
30mA
0.36A
25mA
±0.02%
±0.04%
PM923
24VDC
15VDC
400mA
30mA
0.38A
27mA
±0.02%
±0.04%
PM924
24VDC
±12VDC
±230mA
25mA
0.34A
24mA
±0.02%
±0.05%
A
PM971
24VDC
±15VDC
±190mA
30mA
0.35A
25mA
±0.02%
±0.05%
B
PM972
48VDC
5VDC
1000mA
13mA
0.16A
22mA
±0.02%
±0.04%
PM941
48VDC
±12VDC
±230mA
14mA
0.17A
24mA
±0.02%
±0.05%
PM991
ALL DIMENSIONS IN INCHES (mm)
CASE G
Standard Pin Configuration
+ OUT
COM
- OUT
BOTTOM VIEW
- IN
+ IN
0.04
(1.0)
DIA
0.40
(10.2)
0.40
(10.2)
0.60
(15.2)
0.22
(5.6)
MIN.
0.40
(10.2)
MAX
0.60
(15.2)
2.00
(50.8)
0.80
(20.3)
NO
PIN*
0.90
(22.9)
2.00
(50.8)
0.20
(5.1)
Notes
1
Figures are peak-to-peak.
2
Alternate pin-out versions, if available, are designated by the suffixes
shown. For example, model PM901 is available in two alternate pin-out
versions, i.e. PM901A and PM901B. See case drawings below.
3
Fixed frequency design provides for easier input filtering and better noise
performance.
4
Short circuit protection is achieved using a thermal limit at 130°C max. An
extended short circuit of >8 hours will affect the units reliability.
* On single output models this pin is either not present or should not be
connected.
ALL DIMENSIONS IN INCHES (mm)
0.15
(3.8) MIN.
2.00
(50.8)
0.40
(10.2)
MAX.
0.02 (0.5) DIA.
2.00
(50.8)
1.80
(45.7)
0.30 (7.5)
- IN
+ IN
+ OUT
- OUT
COM/NC
BOTTOM
VIEW
0.20 (5.1)
0.10
(2.5)
0.15
(3.81)
0.15
(3.81)
Alternate Pin Configuration - Suffix A
0.50 (12.7)
0.50 (12.7)
+ OUT
- OUT
BOTTOM VIEW
+ IN
0.04
(1.0)
DIA.
0.85
(21.6)
0.15
(3.8)
0.40
(10.2)
MAX.
0.15
(3.8)
2.00
(50.8)
1.65
(41.9)
2.00
(50.8)
COM/NC*
- IN
0.22
(5.6)
MIN
0.85
(21.6)
1.70
(43.2)
0.175
(4.4)
Alternate Pin Configuration-Suffix B
ALL DIMENSIONS IN INCHES (mm)
INPUT
VOLTAGE
60% FL
80% FL
100% FL
5V
4.4 to 6.5V
4.5 to 6.0V
4.65 to 5.5V
12V
10.56 to 15.6V
10.8 to 14.4V
11.16 to 13.2V
24V
21.12 to 31.2V
21.6 to 28.8V
22.32 to 26.4V
48V
42.24 to 62.4V
43.2 to 57.6V
44.64 to 52.8V
5 to 6 Watt
Nominal input DC/DC converters
SPECIAL APPLICATION MODELS
|
5-6W DC/DC
PAGE 2
http://www.artesyn.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com