Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040WAS Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH04040WAS
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH04040WAS Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH04040WAS Datasheet HTML 1Page - Artesyn Technologies PTH04040WAS Datasheet HTML 2Page - Artesyn Technologies PTH04040WAS Datasheet HTML 3Page - Artesyn Technologies PTH04040WAS Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 1000 µF, Cout = 660 µF
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth04040.pdf Rev: 27 Jun 2006
The PTH04040 is a next generation series of non-isolated dc-dc converters offering
some of the most advanced POL features available in the industry. The primary new
feature provides for sequencing between multiple modules, a function, which is
becoming a necessity for powering advanced silicon including DSP’s, FPGA’s and
ASIC’s requiring controlled power-up and power-down Other industry leading
features include margin up/down controls and efficiencies up to 96%. The
PTH04040 has an input voltage of 2.95 Vdc to 5.5 Vdc and offers a wide 0.8 Vdc to
2.5 Vdc output voltage range with up to 60 A output current, which allows for
maximum design flexibility and a pathway for future upgrades.
• 60 A output current (7)
• 3.3/5 V input voltage (2.95 Vdc to 5.5 Vdc)
• Wide-output voltage adjust (0.8 Vdc to 2.5 Vdc)
• Auto-track™ sequencing*
• Margin up/down controls
• Efficiencies up 93%
• Output ON/OFF inhibit
• Differential remote sense
• Programmable input Under-Voltage Lockout (UVLO)
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
2 YEAR WARRANTY
PTH04040
3.3/5 Vin single output
SPECIFICATIONS
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See Table on page 2
93% max.
Insulation voltage
Non-isolated
Switching frequency
825 MHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
51.94 x 26.54 x 9.07 mm
2.045 x 1.045 x 0.357 in
Weight
22.5 g (79 oz)
MTBF
Telcordia SR-332
2,100,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Overcurrent
Auto reset
90 A
Thermal
Auto recovery
OUTPUT SPECIFICATIONS
Voltage adjustability
2.95 < Vi < 4.5 V
0.8-1.65 Vdc
4.50 < Vi < 5.5 V
0.8-2.5 Vdc
Setpoint accuracy
(See Note 1)
±2.0% Vo
Line regulation
±5 mV typ.
Load regulation
±5 mV typ.
Total regulation
(See Note 1)
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
15 mV typ.
Transient response
100 µs recovery time
(See Note 4)
Overshoot/undershoot 200 mV
Margin adjustment
(See Note 8)
±5.0% Vo
INPUT SPECIFICATIONS
Input voltage range
(See Notes 3, 5)
2.95-5.5 Vdc
Input standby current
60 mA typ.
Remote ON/OFF
(See Note 5)
Negative logic
Undervoltage lockout
(See Note 6)
6.6-7.5 Vdc typ.
(Pin 8 open)
On threshold
2.60 V
Hysteresis
0.6 V
Track input current
Pin 18 (See Note 2)
-0.11 mA


Similar Part No. - PTH04040WAS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH04040WAS ARTESYN-PTH04040WAS Datasheet
604Kb / 4P
3.3 / 5.0 Vin Single Output
logo
Texas Instruments
PTH04040WAS TI2-PTH04040WAS Datasheet
618Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED JUNE 2010
PTH04040WAS.B TI2-PTH04040WAS.B Datasheet
618Kb / 27P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED JUNE 2010
More results

Similar Description - PTH04040WAS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05010 ARTESYN-PTH05010 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03050 EMERSON-NETWORKPOWER-PTH03050 Datasheet
195Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com