Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05010WAHT Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH05010WAHT
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05010WAHT Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH05010WAHT Datasheet HTML 1Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 2Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 3Page - Artesyn Technologies PTH05010WAHT Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth05010.pdf Rev (06): 16 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 470 µF, Cout = 0 µF
SPECIFICATIONS
The PTH05010 is a next generation series of non-isolated dc-dc converters offering some
of the most advanced POL features available in the industry. The primary new feature
provides for sequencing between multiple modules, a function, which is becoming a
necessity for powering advanced silicon including DSP’s, FPGA’s and ASIC’s requiring
controlled power-up and power-down Other industry leading features include margin
up/down controls, pre-bias start-up capability and efficiencies up to 95%. The
PTH05010 has an input voltage of 4.5 Vdc to 5.5 Vdc and offers a wide 0.8 Vdc to 3.6 Vdc
output voltage range with up to 15 A output current, which allows for maximum design
flexibility and a pathway for future upgrades.
• 15 A output current
• 5 V input voltage
• Wide-output voltage adjust (0.8 Vdc to 3.6 Vdc)
• Auto-track™ sequencing*
• Margin up/down controls
• Pre-bias start-up capability
• Efficiencies up to 95%
• Output ON/OFF inhibit
• Output voltage sense
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
PTH05010
5 Vin single output
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 4)
0.8-3.6 Vdc
Setpoint accuracy
±2.0% Vo
Line regulation
±10 mV typ.
Load regulation
±12 mV typ.
Total regulation
±3.0% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
30 mV pk-pk
Temperature co-efficient
-40 ºC to +85 ºC
±0.5% Vo
Transient response
70 µs recovery time
(See Note 5)
Overshoot/undershoot 100 mV
Margin adjustment
±5.0% Vo
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
4.5-5.5 Vdc
Input current
No load
10 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Start-up time
1 V/ms
Undervoltage lockout
3.7-4.3 V typ.
Track input voltage
Pin 8 (See Note 6, 7)
±0.3 Vin
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No.
US/8292/UL
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
(See Efficiency Table)
95% max.
Insulation voltage
Non-isolated
Switching frequency
275 kHz to 325 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
34.80 x 15.75 x 9.00 mm
1.370 x 0.620 x 0.354 in
Weight
5 g (0.18 oz)
MTBF
Telcordia SR-332
7,092,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Short-circuit
Auto reset
27.5 A typ.
Thermal
Auto recovery


Similar Part No. - PTH05010WAHT

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05010WAHT ARTESYN-PTH05010WAHT Datasheet
593Kb / 5P
Embedded Power for Business-Critical Continuity
More results

Similar Description - PTH05010WAHT

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTV12020 ARTESYN-PTV12020 Datasheet
244Kb / 5P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH03050 EMERSON-NETWORKPOWER-PTH03050 Datasheet
195Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com