Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5SY4108-8 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # 5SY4108-8
Description  Features of 5SY supplementary protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4108-8 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  5SY4108-8 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4108-8 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4108-8 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4108-8 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4108-8 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12/9
■Features
All 5SY4 designs have been approved acc. to UL 1077 and CSA 22.2 No. 235-M 89 and can therefore be used as “supplementary protectors”
for applications of up to 277 V AC (1-pole and 1-pole + N designs) and 480 V AC (2-pole, 3-pole, 3-pole + N and 4-pole designs).
■Selection and ordering data
In
MW Characteristic A
Characteristic B
Characteristic C
Characteristic D
Weight Pack.
unit
Order No.
Price
Order No.
Price
Order No.
Price
Order No.
Price
1 item
A
1 item
1 item
1 item
1 item kg
Items
1-pole
0.3 1
-
-
5SY4 114-7
5SY4 114-8
0.165
12
0.5
-
-
5SY4 105-7
5SY4 105-8
1
5SY4 101-5
-
5SY4 101-7
5SY4 101-8
1.6
5SY4 115-5
-
5SY4 115-7
5SY4 115-8
2
5SY4 102-5
-
5SY4 102-7
5SY4 102-8
3
5SY4 103-5
-
5SY4 103-7
5SY4 103-8
4
5SY4 104-5
-
5SY4 104-7
5SY4 104-8
6
5SY4 106-5
5SY4 106-6
5SY4 106-7
5SY4 106-8
8
5SY4 108-5
-
5SY4 108-7
5SY4 108-8
10
5SY4 110-5
5SY4 110-6
5SY4 110-7
5SY4 110-8
13
5SY4 113-5
5SY4 113-6
5SY4 113-7
5SY4 113-8
16
5SY4 116-5
5SY4 116-6
5SY4 116-7
5SY4 116-8
20
5SY4 120-5
5SY4 120-6
5SY4 120-7
5SY4 120-8
25
5SY4 125-5
5SY4 125-6
5SY4 125-7
5SY4 125-8
32
5SY4 132-5
5SY4 132-6
5SY4 132-7
5SY4 132-8
40
5SY4 140-5
5SY4 140-6
5SY4 140-7
5SY4 140-8
50
5SY4 150-5
5SY4 150-6
5SY4 150-7
5SY4 150-8
63
5SY4 163-5
5SY4 163-6
5SY4 163-7
5SY4 163-8
1-pole + N
0.3 2
-
-
5SY4 514-7
5SY4 514-8
0.330
6
0.5
-
-
5SY4 505-7
5SY4 505-8
1
5SY4 501-5
-
5SY4 501-7
5SY4 501-8
1.6
5SY4 515-5
-
5SY4 515-7
5SY4 515-8
2
5SY4 502-5
-
5SY4 502-7
5SY4 502-8
3
5SY4 503-5
-
5SY4 503-7
5SY4 503-8
4
5SY4 504-5
-
5SY4 504-7
5SY4 504-8
6
5SY4 506-5
5SY4 506-6
5SY4 506-7
5SY4 506-8
8
5SY4 508-5
-
5SY4 508-7
5SY4 508-8
10
5SY4 510-5
5SY4 510-6
5SY4 510-7
5SY4 510-8
13
5SY4 513-5
5SY4 513-6
5SY4 513-7
5SY4 513-8
16
5SY4 516-5
5SY4 516-6
5SY4 516-7
5SY4 516-8
20
5SY4 520-5
5SY4 520-6
5SY4 520-7
5SY4 520-8
25
5SY4 525-5
5SY4 525-6
5SY4 525-7
5SY4 525-8
32
5SY4 532-5
5SY4 532-6
5SY4 532-7
5SY4 532-8
40
5SY4 540-5
5SY4 540-6
5SY4 540-7
5SY4 540-8
50
5SY4 550-5
5SY4 550-6
5SY4 550-7
5SY4 550-8
63
5SY4 563-5
5SY4 563-6
5SY4 563-7
5SY4 563-8
2-pole
0.3 2
-
-
5SY4 214-7
5SY4 214-8
0.330
6
0.5
-
-
5SY4 205-7
5SY4 205-8
1
5SY4 201-5
-
5SY4 201-7
5SY4 201-8
1.6
5SY4 215-5
-
5SY4 215-7
5SY4 215-8
2
5SY4 202-5
-
5SY4 202-7
5SY4 202-8
3
5SY4 203-5
-
5SY4 203-7
5SY4 203-8
4
5SY4 204-5
-
5SY4 204-7
5SY4 204-8
6
5SY4 206-5
5SY4 206-6
5SY4 206-7
5SY4 206-8
8
5SY4 208-5
-
5SY4 208-7
5SY4 208-8
10
5SY4 210-5
5SY4 210-6
5SY4 210-7
5SY4 210-8
13
5SY4 213-5
5SY4 213-6
5SY4 213-7
5SY4 213-8
16
5SY4 216-5
5SY4 216-6
5SY4 216-7
5SY4 216-8
20
5SY4 220-5
5SY4 220-6
5SY4 220-7
5SY4 220-8
25
5SY4 225-5
5SY4 225-6
5SY4 225-7
5SY4 225-8
32
5SY4 232-5
5SY4 232-6
5SY4 232-7
5SY4 232-8
40
5SY4 240-5
5SY4 240-6
5SY4 240-7
5SY4 240-8
50
5SY4 250-5
5SY4 250-6
5SY4 250-7
5SY4 250-8
63
5SY4 263-5
5SY4 263-6
5SY4 263-7
5SY4 263-8
1 MW = modular width of 18 mm
Depth 70 mm = device mounting depth of
70 mm
1
2
N
N
1
2
1
2
3
4
5SY4 70 mm mounting depth
Supplementary Protectors
New 5SY4 Supplementary Protectors
Siemens Energy & Automation, Inc.
Industrial Controls Catalog
Discount Code: Mini Circuit Breakers
12_Sec.qxd
07/28/03
10:41 AM
Page 12/9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com