Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G63CFR-RDL Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # H5TC4G63CFR-RDL
Description  4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G63CFR-RDL Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button H5TC4G63CFR-RDL Datasheet HTML 24Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 25Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 26Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 27Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 28Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 29Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 30Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 31Page - Hynix Semiconductor H5TC4G63CFR-RDL Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Rev. 1.4/ Oct. 2015
28
DDR3-1333 Speed Bins
For specific Notes see “Speed Bin Table Notes” on page 31.
Speed Bin
DDR3-1333
Unit
Note
CL - nRCD - nRP
9-9-9
Parameter
Symbol
min
max
Internal read
command to first data
tAA
13.5
(13.125)5,11
20
ns
ACT to internal read or
write delay time
tRCD
13.5
(13.125)5,11
—ns
PRE command period
tRP
13.5
(13.125)5,11
—ns
ACT to ACT or REF
command period
tRC
49.5
(49.125)5,11
—ns
ACT to PRE command
period
tRAS
36
9 * tREFI
ns
CL = 5
CWL = 5
tCK(AVG)
3.0
3.3
ns
1, 2, 3, 4,
7, 12,13
CWL = 6, 7 tCK(AVG)
Reserved
ns
4
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
ns
1, 2, 3, 7
CWL = 6
tCK(AVG)
Reserved
ns
1, 2, 3, 4, 7
CWL = 7
tCK(AVG)
Reserved
ns
4
CL = 7
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1, 2, 3, 4, 7
(Optional)5
CWL = 7
tCK(AVG)
Reserved
ns
1, 2, 3, 4
CL = 8
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1, 2, 3, 7
CWL = 7
tCK(AVG)
Reserved
ns
1, 2, 3, 4
CL = 9
CWL = 5, 6 tCK(AVG)
Reserved
ns
4
CWL = 7
tCK(AVG)
1.5
<1.875
ns
1, 2, 3, 4
CL = 10
CWL = 5, 6 tCK(AVG)
Reserved
ns
4
CWL = 7
tCK(AVG)
1.5
<1.875
ns
1, 2, 3
(Optional)
ns
5
Supported CL Settings
5, 6, 8, (7), 9, (10)
nCK
Supported CWL Settings
5, 6, 7
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com