Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAST Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH05050WAST
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05050WAST Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH05050WAST Datasheet HTML 1Page - Artesyn Technologies PTH05050WAST Datasheet HTML 2Page - Artesyn Technologies PTH05050WAST Datasheet HTML 3Page - Artesyn Technologies PTH05050WAST Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
3
NEW Product
File Name: pth05050.pdf Rev (06): 16 Dec 2005
OUTPUT CURRENT (A)
40
50
60
70
80
90
100
01
2
3
4
5
6
3.3V
2.5V
1.8V
1.2V
0.8V
Vout
OUTPUT CURRENT (A)
100LFM
Nat conv
01
2
3
4
5
6
20
30
40
50
60
80
90
70
Figure 2 - Efficiency vs Load Current
Vin = 5 V (See Note B)
Figure 1 - Safe Operating Area
Vin = 5 V, Output Voltage = 3.3 V (See Note A)
PTH05050
5 Vin single output
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
PTH05050
(Top View)
4
5
1
2
3
6
GND
Track
Vin
Cin 100
µF
(Required) +
RSET 1%, 0.1W
(Required)
GND
+
Co1 100
µF
Electrolytic
(Optional)
Co2 10
µF
Ceramic
(Optional)
Vout
Inhibit
Figure 3 - Standard Application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com