Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020WAST Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PTH12020WAST
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12020WAST Datasheet(HTML) 2 Page - Artesyn Technologies

  PTH12020WAST Datasheet HTML 1Page - Artesyn Technologies PTH12020WAST Datasheet HTML 2Page - Artesyn Technologies PTH12020WAST Datasheet HTML 3Page - Artesyn Technologies PTH12020WAST Datasheet HTML 4Page - Artesyn Technologies PTH12020WAST Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
File Name: pth12020.pdf Rev (07): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
2
NEW Product
N
No
otte
es
s
1
Remote ON/OFF. Positive Logic
ON:
Pin 3 open; or V > Vin - 0.5 V
OFF:
Pin 3 GND; or V < 0.8 V (min - 0.2 V).
2
See Figures 1, 2 and 3 for safe operating curves.
3
A 560 µF electrolytic input capacitor is required for proper operation. The
capacitor must be rated for a minimum of 800 mA rms of ripple current.
4
An external output capacitor is not required for basic operation. Adding
330 µF of distributed capacitance at the load will improve the transient
response.
5
1 A/µs load step, 50 to 100% Iomax, Cout = 330 µF.
6
If utilized Vout will track applied voltage by ±0.3 V (up to Vo set point).
7
Tape and reel packaging only available on the surface-mount versions.
8
To order Pb-free (RoHS compatible) surface-mount parts replace the
mounting option ‘S’ with ‘Z’, e.g. PTH12020WAZ. To order Pb-free
(RoHS compatible) through-hole parts replace the mounting option ‘H’
with ‘D’, e.g. PTH12020WAD.
9
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
PTH12020
12 Vin single output
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(MAX.)
LINE
LOAD
NUMBER
(8,9)
(MAX.)
(MIN.)
(MAX.)
99 W
10.8-13.2 Vdc
0.8-1.8 Vdc
0 A
18 A
89%
±5 mV
±5 mV
PTH12020L
99 W
10.8-13.2 Vdc
1.2-5.5 Vdc
0 A
18 A
95%
±5 mV
±5 mV
PTH12020W
EFFICIENCY TABLE - PTH12020L (IO = 18 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 1.8 V
89%
Vo = 1.5 V
87%
Vo = 1.2 V
85%
Vo = 1.0 V
83%
Vo = 0.8 V
80%
EFFICIENCY TABLE - PTH12020W(IO = 18 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 5.0 V
95%
Vo = 3.3 V
93%
Vo = 2.5 V
92%
Vo = 1.8 V
90%
Vo = 1.5 V
88%
Vo = 1.2 V
86%
PTH12020W AST
Part Number System with Options
Product Family
Point of Load Alliance
Compatible
Output Current
02 = 18 A
Packaging Options
No Suffix = Trays
T = Tape and Reel (7)
Input Voltage
12 = 12 V
Mechanical Package
Always 0
Output Voltage Code
W = Wide, L = Low Voltage
Pin Option
A = Through-Hole Std. Pin Length (0.140”)
A = Surface-Mount Tin/Lead Solder Ball
Mounting Option (8)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
S = Surface-Mount (63/37 Sn/Pb
pin solder material)
Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu
pin solder material)
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH12020. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 1.2 Vdc to 5.5 Vdc. When the PTH12020 converter
leaves the factory the output has been adjusted to the default voltage of 1.2 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e P
PT
TH
H1
12
20
02
20
0 S
Se
erriie
es
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com