Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12040WAHT Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PTH12040WAHT
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12040WAHT Datasheet(HTML) 2 Page - Artesyn Technologies

  PTH12040WAHT Datasheet HTML 1Page - Artesyn Technologies PTH12040WAHT Datasheet HTML 2Page - Artesyn Technologies PTH12040WAHT Datasheet HTML 3Page - Artesyn Technologies PTH12040WAHT Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: pth12040w.pdf Rev (03): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
2
NEW Product
N
No
otte
es
s
1
The set-point voltage tolerance is affected by the tolerance and stability
of RSET. The stated limit is unconditionally met if RSET has a tolerance of
1% with 100 ppm/ºC or better temperature stability.
2
This control pin has an internal pull-up to 5 V nominal. If it is left open-
circuit the module will operate when input power is applied. A small
lowleakage (<100 nA) MOSFET is recommended for control. For further
information, consult the related application note. For further information,
consult Application Note 193.
3
A 1000 µF input capacitor is required for proper operation. The capacitor
must be rated for a minimum of 300 mA rms of ripple current.
4
This is with a 1 A/µs loadstep, 50 to 100% Iomax. Io = 680 µF
5
See Figures 1 and 2 for safe operating curves.
6
When the set-point voltage is adjusted higher than 3.6 V, a 10 V minimum
input voltage is recommended.
7
A small low-leakage (<100 nA) MOSFET is recommended to control this
pin. The opencircuit voltage is less than 1 Vdc.
8
These are the default voltages. The y may be adjusted using the ‘UVLO
Prog’ control input. Consult Application Note No. 193 for further
information.
9
To order Pb-free (RoHS compatible) surface-mount parts replace the
mounting option ‘S’ with ‘Z’, e.g. PTH12040WAZ. To order Pb-free
(RoHS compatible) through-hole parts replace the mounting option ‘H’
with ‘D’, e.g. PTH12040WAD.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(MAX.)
LINE
LOAD
NUMBER
(9.10)
(MAX.)
(MIN.)
(MAX.)
275 W
8-14 Vdc
0.8-5.5 Vdc
0 A
50 A
96%
±5 mV
±5 mV
PTH12040W
PTH12040
12 Vin single output
PTH12040W AS
Part Number System with Options
Product Family
Point of Load Alliance
Compatible
Output Current
04 = 50 A
Input Voltage
12 = 12 V
Mechanical Package
Always 0
Output Voltage Code
W = Wide
Pin Option
A = Through-Hole Std. Pin Length (0.140”)
A = Surface-Mount Tin/Lead Solder Ball
Mounting Option (9)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
S = Surface-Mount (63/37 Sn/Pb
pin solder material)
Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu
pin solder material)
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH12040W. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8 Vdc to 5.5 Vdc. When the PTH12040W converter
leaves the factory the output has been adjusted to the default voltage of 0.8 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e P
PT
TH
H1
12
20
04
40
0W
W S
Se
erriie
es
s
EFFICIENCY TABLE (IO = 35 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 5.0 V
96%
Vo = 3.3 V
95%
Vo = 2.5 V
93%
Vo = 2.0 V
92%
Vo = 1.8 V
91%
Vo = 1.5 V
90%
Vo = 1.2 V
88%
Vo = 1.0 V
86%
Vo = 0.8 V
82%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com