Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA310 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CSA310
Description  MINIATURE AT STRIP CRYSTAL UNITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CSA310 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CSA310 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
MINIATURE AT STRIP CRYSTAL UNITS
SERIES CSA 309 AND 310
3 x 9 AND 3 x 10
HOLDER
-
FREQUENCY
-
LOAD CAPACITANCE
-
MODE
CSA309
CSA310
IN MHz
12 TO 32 pF FOR PARALLEL
S FOR SERIES
F
3OT
FUNDAMENTAL†
THIRD OVERTONE
EXAMPLE: CSA309-11.0592-18
CSA309-32.000-20-3OT
SERIES
CSA310
CSA309
FREQUENCY RANGE
3.579545 MHz TO 4.00 MHz
4.00 MHz TO 30.00 MHz (FUND)
30.01 MHz TO 70.00 MHz (3 OT)
MODE OF OSCILLATION
FUNDAMENTAL OR THIRD OVERTONE
FREQUENCY TOLERANCE AT 25°C
±50 PPM MAXIMUM
FREQUENCY STABILITY VERSUS
TEMPERATURE
±50 PPM MAXIMUM
OPERATING TEMPERATURE RANGE
-10°C TO +60°C
STORAGE TEMPERATURE RANGE
-40°C TO +85°C
AGING (FIRST YEAR)
±5 PPM
LOAD CAPACITANCE
12 pF TO 32 pF OR SERIES
SHUNT CAPACITANCE
5.0 pF MAXIMUM
EQUIVALENT SERIES RESISTANCE (ESR)
SEE TABLE
DRIVE LEVEL
50 µW TYPICAL
100 µW MAXIMUM
50 µW TYPICAL
100 µW MAXIMUM
SHOCK RESISTANCE
±5 PPM MAXIMUM 75 cm DROP TEST IN 3 AXES ONTO A HARD
SURFACE OR 3000 g's x 0.3 ms x ½ SINEWAVE IN 3 AXES
MODEL TYPE
FREQUENCY (MHz)
MAXIMUM ESR (OHM)
MODE OF OSCILLATION
CSA310
3.579545 TO 4.00
200
FUNDAMENTAL
CSA309
4.00 TO 5.999
150
FUNDAMENTAL
6.00 TO 9.999
100
FUNDAMENTAL
10.00 TO 30.00
50
FUNDAMENTAL
30.01 TO 35.99
100
THIRD OVERTONE
36.00 TO 70.00
80
THIRD OVERTONE
3.20 MAX
.126 MAX
1.10
.043
0.32 DIA
.013 DIA
3.20 MAX
.126 MAX
1.10
.043
0.32 DIA
.013 DIA
CSA310
CSA309
Scale none Dimension in
mm
inch
FEATURES
SPECIFICATIONS
EQUIVALENT SERIES RESISTANCE (ESR) VS. FREQUENCY RANGE
OUTLINE DRAWING
PART NUMBERING SYSTEM
HIGH FREQUENCY AT CUT CRYSTAL PERFORMANCE
SMALL COMPACT SIZE
EXCELLENT SHOCK AND VIBRATION CHARACTERISTICS
† FUNDAMENTAL MODE NOT NEEDED IN PART NUMBER


Similar Part No. - CSA310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSA310 ETC2-CSA310 Datasheet
809Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CSA310 CITIZEN-CSA310 Datasheet
810Kb / 1P
AU-CUT CRYSTAL UNITS
More results

Similar Description - CSA310

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-2 STATEK-CX-2 Datasheet
90Kb / 2P
Miniature AT-Cut Crystal
logo
Fox Electronics
FX-3 FOX-FX-3 Datasheet
143Kb / 1P
MICRO MINIATURE AT STRIP CRYSTAL
logo
List of Unclassifed Man...
CMR310T ETC2-CMR310T_1 Datasheet
879Kb / 1P
AT-CUT CRYSTAL UNITS
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
Resistance Welded Miniature Crystal Units
18-Oct-07
logo
RSG Electronic Componen...
CMR310T RSG-CMR310T Datasheet
98Kb / 2P
high-performance, miniature crystal units
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
logo
Fox Electronics
FX3 FOX-FX3 Datasheet
538Kb / 1P
MICRO MINIATURE "AT STRIP" CRYSTAL
logo
EUROQUARTZ limited
CX-1-03-AT EUROQUARTZ-CX-1-03-AT Datasheet
93Kb / 1P
Miniature AT-Cut Quartz Crystal
logo
CITIZEN ELECTRONICS CO....
CMR310T CITIZEN-CMR310T Datasheet
880Kb / 1P
AT-CUT CRYSTAL UNITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com