Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVDR4NM Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # AVDR4NM
Description  H20MIT VENT DRAINS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

AVDR4NM Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  AVDR4NM Datasheet HTML 1Page - Pentair plc. All rights reserved. AVDR4NM Datasheet HTML 2Page - Pentair plc. All rights reserved. AVDR4NM Datasheet HTML 3Page - Pentair plc. All rights reserved. AVDR4NM Datasheet HTML 4Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Accessories Condensation ManageMent
Spec-00542 J
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
ThermAl mAnAgemenT
1
SPEC-00542
J763.422.2211
763.576.3200
ThermAl mAnAgemenT
ACCESSORIES
CONDENSATION MANAGEMENT
h2omiT VenT DrAins
inDUsTrY sTAnDArDs
Maintains UL/cUL Type 4, 4X rating when properly installed on a UL/cUL
Type 4 or 4X enclosure.
UL 508A Listed; Type 4, 4X; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 4, 4X; File No. E61997
NEMA/EEMAC Type 4, 4X
IEC 60529, IP66
APPlicATion
H2OMIT Vent Drains allow accumulated water to drain out the
bottom of an enclosure. The UL-approved vent drains also function
as an air pressure equalizer, reducing the harmful effects of
temperature-induced vacuums that could pull water and moisture
into the enclosure.
FeATUres
•
Uses gravity to remove collected liquids
•
One-way mechanical shut-off when pressure is equalized
prevents water and contaminants from entering the enclosure
•
Helps reduce corrosion that can limit the life of internal electrical
and electronic components
•
Installs in a 7/8-in. hole in the bottom of enclosure with provided
nut or in a 1/2-in. NPT/NPS threaded conduit hub
•
Installs in the bottom of mild steel, aluminum, stainless steel or
non-metallic enclosures
•
Maintains enclosure’s UL Type rating when properly installed
sPeciFicATions
stainless steel Vent Drain
•
Corrosion-resistant polyester material with a Type 304 stainless
steel sleeve
•
2.00-in. long x 1.38-in outside diameter
non-metallic Drain Vent
•
Corrosion-resistant polyester material
•
2.00-in. long x 1.25-in. outside diameter
Performance Data
  h2omiT Vent Drains
cATAlog nUmBers
AVDR4NM
AVDR4SS4
UniT consTrUcTion
Description
Non-metallic Vent Drain
Stainless Steel Vent Drain
D (in./mm)
1.25/32
1.38/35
Quantity
1
1


Similar Part No. - AVDR4NM

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
AVDR4NM HOFFMANPRODUCTS-AVDR4NM Datasheet
370Kb / 4P
H2OMIT VENT DRAINS
More results

Similar Description - AVDR4NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS225 ETC2-CS225 Datasheet
329Kb / 1P
OPEN OUT WINDOW VENT
logo
D+H Mechatronic AG
SHD54 DH-SHD54 Datasheet
341Kb / 3P
Side-hung vent drives
SHD54-BSY DH-SHD54-BSY Datasheet
383Kb / 3P
Side-hung vent drives
logo
3M Electronics
3294 3M-3294 Datasheet
131Kb / 5P
3M™ Vent Tape
Jan-2006
394 3M-394 Datasheet
130Kb / 5P
3M™ Vent Tape 394
Jan-2006
logo
Pepperl+Fuchs Inc.
EPV-1-SA-00 PF-EPV-1-SA-00 Datasheet
526Kb / 4P
Enclosure protection vent
2014-04-09
logo
Amphenol LTW
VENT-MS4NME-08002 LTW-VENT-MS4NME-08002 Datasheet
179Kb / 1P
VENT, M20, METAL, SPRING LOADED
2023-01-06
logo
Amphenol Corporation
VENT-PS1XXX-XXXXX AMPHENOL-VENT-PS1XXX-XXXXX Datasheet
472Kb / 2P
M12*1.5 VENT
REV.F 2021/04/13
logo
Lapp.
51730200 LAPP-51730200 Datasheet
128Kb / 1P
SKINDICHT® VENT
08.02.2023
52220092 LAPP-52220092 Datasheet
716Kb / 4P
SKINTOP® MULTI VENT
27.04.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com