Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVDR4SS4 Datasheet(PDF) 4 Page - Pentair plc. All rights reserved.

Part # AVDR4SS4
Description  H20MIT VENT DRAINS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

AVDR4SS4 Datasheet(HTML) 4 Page - Pentair plc. All rights reserved.

  AVDR4SS4 Datasheet HTML 1Page - Pentair plc. All rights reserved. AVDR4SS4 Datasheet HTML 2Page - Pentair plc. All rights reserved. AVDR4SS4 Datasheet HTML 3Page - Pentair plc. All rights reserved. AVDR4SS4 Datasheet HTML 4Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Accessories Condensation ManageMent
Spec-00542 J
PH 763.422.2211 • FAX 763.576.3200 • PENTAIRPROTECT.COM
EQUIPMENT PROTECTION
ThermAl mAnAgemenT
4
Performance Data
  h2omiT Thermoelectric Dehumidifier
cATAlog nUmBers
H2OMITTER
Dew Point Temperature : Percent relative humidity
Temp. (° F)
100% 95% 90% 85% 80% 75% 70% 65% 60% 55% 50% 45% 40% 35% 30% 25% 20% 15% 10%
110
110
108
106
104
102
100
98
95
93
90
87
84
80
76
72
65
60
51
41
105
105
103
101
99
97
95
93
91
88
85
83
80
76
72
67
62
55
47
37
100
100
99
97
95
93
91
89
86
84
81
78
75
71
67
63
58
52
44
32
95
95
96
92
90
88
86
87
81
79
76
73
70
67
63
59
54
48
40
32
90
90
88
87
85
83
81
79
79
74
71
68
65
62
59
54
49
43
36
32
85
85
83
81
80
78
76
74
71
69
67
64
61
58
54
50
45
38
32
—
80
80
78
77
75
73
71
69
67
65
62
59
56
53
50
45
40
35
32
—
75
75
73
72
70
68
66
64
62
60
58
55
52
49
45
41
36
32
—
—
70
70
68
67
65
63
61
59
58
55
53
50
47
44
40
37
32
—
—
65
65
63
62
60
59
57
55
53
50
48
45
42
40
36
62
—
—
—
—
60
60
58
57
55
53
52
50
48
45
43
41
38
35
32
—
—
—
—
—
55
55
53
52
50
49
47
45
43
40
38
36
33
32
—
—
—
—
—
—
50
50
48
46
45
44
42
40
38
36
34
32
—
—
—
—
—
—
—
—
45
45
43
42
40
39
37
35
34
32
—
—
—
—
—
—
—
—
—
—
40
40
39
37
35
34
32
—
—
—
—
—
—
—
—
—
—
—
—
—
35
35
34
32
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
32
32
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Definition: Dew Point is the temperature at which condensation forms. If the temperature of the enclosure is 85 F
and the relative humidity is 80 percent, Dew Point is reached at a temperature of 78 F or below.
This means that moisture vapor will condense on any surface that is below the Dew Point temperature of 78 F.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com