Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPA Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NPA
Description  Low coil power consumption 0.12W. / PC board mounting, SIL terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NPA Datasheet(HTML) 2 Page - DB Lectro Inc

  NPA Datasheet HTML 1Page - DB Lectro Inc NPA Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1000V
50Hz 2000V
Surge voltage:4kV
Item 6
of IEC255-5
Item 6 and 8 of IEC255-5
Shock resistance
Functional
147m/s
2 11ms
Survival
980m/s
2 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Functional
double amplitude 2.5mm
Survival
double amplitude
3.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’
Relative Humidity
5%~85% (at 40
’)
IEC68-2-3Test Ca
Mass
3g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NPA2
NPA
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NPA
Dimensions
Wiring diagram
(Bottom views)
Mounting (Bottom views)
mm
inch
0.25
0.010
0.3
0.012
0.5
0.020
0.8
0.031
1.1
0.046
1.2
0.047
1.3
0.051
2.54
0.100
3.5
0.138
5.0
0.197
5.08
0.200
10.16
0.300
12.5
0.504
20
0.787
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com