Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG4U Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NG4U
Description  Can be welded directly onto PCB.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG4U Datasheet(HTML) 1 Page - DB Lectro Inc

  NG4U Datasheet HTML 1Page - DB Lectro Inc NG4U Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Can be welded directly onto PCB.
Used in household appliance like air conditioning , heater and instruments etc.
Ordering Information
NG4U
C
S
10
DC12V
1
2
3
4
5
1 Part number:NG4U
2 Contact arrangement:A:1A;C:1C
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact Current:5A,10A
5 Coil rated Voltage(V):DC:6,12,24
Contact Data
Contact Arrangement
1A
SPSTNO
f1C SPDT(B-M)
Contact Material
Ag CdO
AgSnO2
Contact Rating (resistive)
5A,10A/125VAC,28VDC
Max. Switching Power
280W
1250VA
Max. Switching Voltage
30VDC 220VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
006-360
6
7.8
100
4.2
0.6
012-360
12
15.6
400
8.4
1.2
024-360
24
31.2
1600
16.8
2.4
0.36
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
69
NG4U
22.5
×12.5×19
R2133923
E160644
www.dblectro.com


Similar Part No. - NG4U

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U Datasheet
290Kb / 2P
Used in household appliances like air conditioning
NG4UAS10DC12V DBLECTRO-NG4UAS10DC12V Datasheet
290Kb / 2P
Used in household appliances like air conditioning
NG4UAS10DC24V DBLECTRO-NG4UAS10DC24V Datasheet
290Kb / 2P
Used in household appliances like air conditioning
NG4UAS10DC6V DBLECTRO-NG4UAS10DC6V Datasheet
290Kb / 2P
Used in household appliances like air conditioning
NG4UAS5DC12V DBLECTRO-NG4UAS5DC12V Datasheet
290Kb / 2P
Used in household appliances like air conditioning
More results

Similar Description - NG4U

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
May be Driven Directly by TTL Signals
logo
HuaXinAn Electronics CO...
JQX-54FEA HUAXINAN-JQX-54FEA Datasheet
408Kb / 1P
Can be welded directly onto PCB
JQX-102FA HUAXINAN-JQX-102FA Datasheet
489Kb / 1P
Can be welded directly onto PCB.
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
Can be placed directly on metal surfaces
logo
PHOENIX CONTACT
2279279 PHOENIX-2279279 Datasheet
46Kb / 2P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2279282 PHOENIX-2279282 Datasheet
47Kb / 3P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2707754 PHOENIX-2707754 Datasheet
60Kb / 4P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2854186 PHOENIX-2854186 Datasheet
124Kb / 9P
Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
Snap-in type, can be mounted directly on P.C.B Board.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com