Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCT Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NCT
Description  Ultra small size, light weight.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NCT Datasheet(HTML) 2 Page - DB Lectro Inc

  NCT Datasheet HTML 1Page - DB Lectro Inc NCT Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 500V
Item 6 of IEC255-5
(Detection current:10m A)
Item 6 of IEC255-5
(Detection current:10m A)
Shock resistance
Functional
100m/s
2
11ms;
Survival
1000 m/s
2
6ms
IEC68-2-27 Test Ea
Vibration resistance
10~100Hz
44 m/s
2
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
8g,4g (1C )
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Wiring diagram (Bottom views)
NCT
mm
>àçÇá
0.3
0.012
0.4
0.016
0.65
0.026
0.8
0.031
1.0
0.039
1.1
0.043
1.25
0.049
1.4
0.055
1.45
0.057
2.5
0.098
3.15
0.124
3.5
0.138
4.3
0.169
6.0
0.236
6.8
0.268
7.2
0.283
9.5
0.374
13.5
0.551
14
0.551
15
0.591
17.4
0.685
Mounting (Bottom views)
Dimensions
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com