Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4100CBS5DC6V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # N4100CBS5DC6V
Description  Low coil power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

N4100CBS5DC6V Datasheet(HTML) 2 Page - DB Lectro Inc

  N4100CBS5DC6V Datasheet HTML 1Page - DB Lectro Inc N4100CBS5DC6V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
3.5g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
Load
3A 5A/125VAC
3A/30VDC
5A/14VDC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
N4100(4100F)&N4100F-2(N4100F)
Dimensions
Mounting (Bottom views)
Wiring diagram
(Bottom views)
mm
àçÇá
0.3
0.012
0.6
0.024
1.0
0.039
1.4
0.055
2.54
0.100
3.0
0.118
3.6
0.142
7.62
0.300
10.16
0.400
11
0.433
11.5
0.453
15.5
0.610
N4100
N4100F-2
(4100F)
(N4100F)
N4100
N4100F-2
(4100F)
(N4100F)
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com