Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT90THLASAC24VSB0.6 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # NT90THLASAC24VSB0.6
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90THLASAC24VSB0.6 Datasheet(HTML) 4 Page - DB Lectro Inc

  NT90THLASAC24VSB0.6 Datasheet HTML 1Page - DB Lectro Inc NT90THLASAC24VSB0.6 Datasheet HTML 2Page - DB Lectro Inc NT90THLASAC24VSB0.6 Datasheet HTML 3Page - DB Lectro Inc NT90THLASAC24VSB0.6 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety approvals
Safety approval
UL
T
üV
CCEE
Load
No 40A/250VAC 30A/277VAC
Nc 30A/250VAC 20A/277VAC
2HP 250VAC
11/2HP 250VAC
TV-5
Insulation
B-class
F-class
No 40A/240VAC 14VDC
Nc 30A/240VAC 14VDC
Insulation
B-class
F-class
No 30A/240VAC
Nc 20A/240VAC
Reference Data
7
109
www.dblectro.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com