Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB350-48S12-R4Y Datasheet(PDF) 2 Page - Artesyn Technologies

Part # RFB350-48S12-R4Y
Description  DC-DC CONVERTERS 300-350 W Half-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFB350-48S12-R4Y Datasheet(HTML) 2 Page - Artesyn Technologies

  RFB350-48S12-R4Y Datasheet HTML 1Page - Artesyn Technologies RFB350-48S12-R4Y Datasheet HTML 2Page - Artesyn Technologies RFB350-48S12-R4Y Datasheet HTML 3Page - Artesyn Technologies RFB350-48S12-R4Y Datasheet HTML 4Page - Artesyn Technologies RFB350-48S12-R4Y Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
N
No
otte
es
s
1
Measurement Bandwidth: 20 MHz; Measured with 1 µF ceramic and a
330 µF (470 µF for 12 V output model) aluminum or solid tantalum
capacitor across the output terminals.
2
Di/dt = 1 A/µs; ∆Iout = ±25% Iout (max); Vin = Vnom; Iout = Inom. Tested
with a 1 µF ceramic and a 330 µF (470 µF for 12 V output model)
aluminum electrolytic capacitor across the output.
3
External input fusing required. Use a fast acting fuse: 40 A (24 V model),
15 A (48 V, 350 W model).
4
Iout = Iout (max) Measured with the input capacitor, Cbypass = 330 µF,
and 6 µH inductor in series with the power source. Frequencies
>100 kHz.
5
Signal line assumed <3 m in length.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand-alone product.
7
Negative remote ON/OFF option also available. Add suffix ‘-R’ to part
number, for example see part numbering system.
8
With the enable signal asserted, this is the time from when the input
current reaches 10 % of the final steady state value until the output
voltage reaches 10 % of the nominal output value. Start-up into resistive
load.
9
With Vin > Vin (min.) applied for a minimum of 1 second, this is the time
from when the primary ON/OFF signal is activated until the output
voltage reaches 10 % of the nominal output voltage.
10 Minimum effective ESR is 1 mΩ. Minimum phase margin is 35º.
11 Measured per ETSI 300 132-2 Section 4.7.2.
12 From 10% to 90% of Vout (nom). Full resistive load. 1 µF ceramic and
330 µF (470 µF for 12 V model) electrolytic capacitors across the output.
N
No
otte
es
s C
Co
on
nttd
d..
10 Minimum effective ESR is 1 mΩ. Minimum phase margin is 35º.
11 Measured per ETSI 300 132-2 Section 4.7.2.
12 From 10% to 90% of Vout (nom). Full resistive load. 1 µF ceramic and
330 µF (470 µF for 12 V model) electrolytic capacitors across the output.
13 Converter guaranteed ON for positive option.
14 Maximum driver leakage to insure converter is ON.
15 Converter guaranteed OFF for positive option.
16 Driver sink current @ Vrc ≤ 1.2 V.
17 0.40 in height option is not available on the 12 V output model.
18 The’Y’ suffix indicates that these parts are TSE ToHS 5/6 (non-Pb-free)
compliant
19 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative
PROTECTION
Short-circuit
12 V model RFB300
29.4 A
(Brickwall current
12 V model RFB350
34.4 A
limiting)
28 V model RFB300
12.9 A
28 V model RFB350
14.7 A
Overvoltage protection
12 V model
15 V
(Output shutdown)
28 V model
33.2 V
Overtemperature
(midpoint of baseplate)
110 ºC
shutdown
File Name: rfb300_350.pdf Rev: 03 Feb 2006
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
300-350 W Half-Brick
2
NEW Product
RFB300-24S28-R5TY
Part Number System with Options
Output Voltage
12 = 7.2 Vdc to 13.2 Vdc
28 = 16.8 Vdc to 29.4 Vdc
Remote ON/OFF Polarity
R = Negative Logic Option
Blank = Positive Logic Option
Height Option (17)
5 = 0.50 in (12.70 mm)
4 = 0.40 in (10.16 mm)
Threaded Inserts
T = Threaded Inserts
Blank = Clearance Inserts
RFB300/350 Series
24 Vin and 48 Vin single output
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(18,19)
(MAX.)
(MIN.)
(MAX.)
300 W
18-36 Vdc
7.2-13.2 Vdc
0 A
25 A
86%
±0.15%
±0.2%
RFB300-24S12Y
308 W
18-36 Vdc
16.8-29.4 Vdc
0 A
11 A
90%
±0.15%
±0.2%
RFB300-24S28Y
308 W
36-75 Vdc
16.8-29.4 Vdc
0 A
11 A
91%
±0.15%
±0.2%
RFB300-48S28Y
350 W
36-75 Vdc
7.2-13.2 Vdc
0 A
29.2 A
88%
±0.15%
±0.2%
RFB350-48S12Y(17)
350 W
36-75 Vdc
16.8-29.4 Vdc
0 A
12.5 A
91%
±0.15%
±0.2%
RFB350-48S28Y
RoHS Compliance (18)
Y = Non Pb-free (RoHS 5/6 compliant)
Number of Outputs
S = Single
Input Voltage
24 = 18 Vdc to 36 Vdc
48 = 36 Vdc to 75 Vdc
Rated Output Current
300 = 300/308 W
350 = 350 W
Product Family
RFB = Half-Brick



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com