Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM2CS1012VDC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NSAM2CS1012VDC
Description  Switching capacity up to 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NSAM2CS1012VDC Datasheet(HTML) 2 Page - DB Lectro Inc

  NSAM2CS1012VDC Datasheet HTML 1Page - DB Lectro Inc NSAM2CS1012VDC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 1000V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-30~80
’
Relative Humidity
85% (at 45
’)
IEC68-2-3Test Ca
Mass
15g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NSAM
Dimensions
2C
2A
Wiring diagram(Bottom views)
Mounting (Bottom views)
mm
>àçÇá
0.4
0.016
1.0
0.039
1.2
0.047
1.25
0.049
1.3
0.051
2.6
0.102
3.0
0.118
3.5
0.138
4.0
0.157
5.3
0.209
6.0
0.236
6.1
0.240
8.0
0.315
11
0.433
11.6
0.457
16.2
0.638
17.2
0.677
23.1
0.909
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com