Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB300-48S28-R5Y Datasheet(PDF) 4 Page - Artesyn Technologies

Part # RFB300-48S28-R5Y
Description  DC-DC CONVERTERS 300-350 W Half-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFB300-48S28-R5Y Datasheet(HTML) 4 Page - Artesyn Technologies

  RFB300-48S28-R5Y Datasheet HTML 1Page - Artesyn Technologies RFB300-48S28-R5Y Datasheet HTML 2Page - Artesyn Technologies RFB300-48S28-R5Y Datasheet HTML 3Page - Artesyn Technologies RFB300-48S28-R5Y Datasheet HTML 4Page - Artesyn Technologies RFB300-48S28-R5Y Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
300-350 W Half-Brick
4
NEW Product
File Name: rfb300_350.pdf Rev: 03 Feb 2006
0
5
10
15
20
25
30
80
82
84
86
88
90
OUTPUT CURRENT (A)
Vin = 24 V
Figure 9 - Typical Efficiency vs. Output Current – RFB300-24S12Y
RFB300/350 Series
24Vin and 48Vin single output
Figure 10 - RFB350-48S28Y Transient Response
Load 6.25-9.38 A
Figure 11 - RFB350-48S12Y Transient Response
Load 14.5-21.75 A
0
2
4
6
8
10
12
14
85
86
87
88
89
90
91
92
OUTPUT CURRENT (A)
Vin = 48 V
Figure 7 - Typical Efficiency vs. Output Current – RFB350-48S28Y
0
6
12
18
24
30
84
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
Figure 8 - Typical Efficiency vs. Output Current – RFB350-48S12Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com