Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT652T Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT652T
Description  Fast CMOS Octal Registered Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT652T Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT652T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT652T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT652T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT652T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT652T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT652T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT652T Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS2022A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT646/648/651/652T
(25
Ω
Ω
Ω
Ω
Ω Series) P174FCT2646T/2652T
OCTAL REGISTERED TRANSCEIVERS
PI74FCT646/2646T Switching Characteristics over Operating Range
646T/2646T
646AT/2646AT
646CT
646DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
2.0
7.5
2.0
6.3
1.5
5.4
1.5
4.8
ns
tPHL
Bus to Bus
RL = 500
Ω
tPZH
Output Enable Time
2.0
14.0
2.0
9.8
1.5
7.8
1.5
7.3
ns
tPZL
G, DIR to Bus
tPHZ
Output Disable Time(3)
2.0
9.0
2.0
6.3
1.5
6.3
1.5
6.3
ns
tPLZ
G, DIR to Bus
tPLH
Propagation Delay
2.0
9.0
2.0
6.3
1.5
5.7
1.5
5.2
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
2.0
9.5
2.0
7.7
1.5
6.2
1.5
5.8
ns
tPHL
SBA or SAB to Bus
tSU
Setup Time HIGH or
4.0
—
2.0
—
2.0
—
2.0
—
ns
LOW, BUS to Clock
tH
Hold Time HIGH or
2.0
—
1.5
—
1.5
—
1.5
—
ns
LOW, Bus to Clock
tW
Clock Pulse Width(3)
6.0
—
5.0
—
5.0
—
5.0
—
ns
HIGH or LOW
PI74FCT648T Switching Characteristics over Operating Range
648T
648AT
648CT
648DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
2.0
7.5
2.0
6.3
1.5
5.4
1.5
4.8
ns
tPHL
Bus to Bus
RL = 500
Ω
tPZH
Output Enable Time
2.0
14.0
2.0
9.8
1.5
7.8
1.5
7.3
ns
tPZL
G, DIR to Bus
tPHZ
Output Disable Time(3)
2.0
9.0
2.0
6.3
1.5
6.3
1.5
6.3
ns
tPLZ
G, DIR to Bus
tPLH
Propagation Delay
2.0
9.0
2.0
6.3
1.5
5.7
1.5
5.2
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
2.0
9.5
2.0
7.7
1.5
6.2
1.5
5.8
ns
tPHL
SBA or SAB to Bus
tSU
Setup Time HIGH or
4.0
—
2.0
—
2.0
—
2.0
—
ns
LOW, BUS to Clock
tH
Hold Time HIGH or
2.0
—
1.5
—
1.5
—
1.5
—
ns
LOW, Bus to Clock
tW
Clock Pulse Width(3)
6.0
—
5.0
—
5.0
—
5.0
—
ns
HIGH or LOW
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter guaranteed but not production tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com