Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175DLF Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
IP175DLF
Datasheet
16/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
Pin description (continued)
Pin No.
Label
Type
Description
Initial setting
36
LOW_10M_EN
IPL
10M low power mode enable
1: 10M low power mode, the transmit amplitude is depressed in
10M mode for power saving.
0: 10M normal mode (default)
The input voltage of this pin should not exceed 2.0v
corresponding to pin AVCC.
41
TB_MII0_EN
IPL
Turbo MII0 mode enable (pin setting only)
When Turbo MII0 mode enable, MII0CLK speed can be changed
by programming MII register 21.22[2]. (50MHz or 31.25MHz)
1:enable
0:disable (default)
42
HWIGMP_EN
IPL2
Hardware IGMP enable
1:enable
0:disable (default)
119
CRS_EN
IPL
CRS pin enable for external MII mode
1:enable
0:disable (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com